Electronic Components Datasheet Search
  English  ▼

X  

SSM2166 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2166
Description  Microphone Preamplifier with Variable Compression and Noise Gating
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2166 Datasheet(HTML) 1 Page - Analog Devices

  SSM2166 Datasheet HTML 1Page - Analog Devices SSM2166 Datasheet HTML 2Page - Analog Devices SSM2166 Datasheet HTML 3Page - Analog Devices SSM2166 Datasheet HTML 4Page - Analog Devices SSM2166 Datasheet HTML 5Page - Analog Devices SSM2166 Datasheet HTML 6Page - Analog Devices SSM2166 Datasheet HTML 7Page - Analog Devices SSM2166 Datasheet HTML 8Page - Analog Devices SSM2166 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
SSM2166*
Microphone Preamplifier with
Variable Compression and Noise Gating
*Patents pending.
FEATURES
Complete Microphone Conditioner in a 14-Lead Package
Single +5 V Operation
Adjustable Noise Gate Threshold
Compression Ratio Set by External Resistor
Automatic Limiting Feature—Prevents ADC Overload
Adjustable Release Time
Low Noise and Distortion
Power-Down Feature
20 kHz Bandwidth ( 1 dB)
Low Cost
APPLICATIONS
Microphone Preamplifier/Processors
Computer Sound Cards
Public Address/Paging Systems
Communication Headsets
Telephone Conferencing
Guitar Sustain Effects Generators
Computerized Voice Recognition
Surveillance Systems
Karaoke and DJ Mixers
GENERAL DESCRIPTION
The SSM2166 integrates a complete and flexible solution for
conditioning microphone inputs in computer audio systems. It
is also excellent for improving vocal clarity in communications
and public address systems. A low noise voltage-controlled
amplifier (VCA) provides a gain that is dynamically adjusted by
a control loop to maintain a set compression characteristic. The
compression ratio is set by a single resistor and can be varied
from 1:1 to over 15:1 relative to a user defined “rotation point”;
signals above the rotation point are limited to prevent overload
and eliminate “popping.” In the 1:1 compression setting, the
SSM2166 can be programmed with a fixed gain of up to 20 dB;
this gain is in addition to the variable gain in other compression
settings. The input buffer can also be configured for front-end
gains of 0 dB to 20 dB. A downward expander (noise gate)
prevents amplification of noise or hum. This results in opti-
mized signal levels prior to digitization, thereby eliminating the
need for additional gain or attenuation in the digital domain
that could add noise or impair accuracy of speech recognition
algorithms. The compression ratio and time constants are set
externally. A high degree of flexibility is provided by the VCA
Gain, Rotation Point, and Noise Gate adjustment pins.
The SSM2166 is an ideal companion product for audio codecs
used in computer systems, such as the AD1845 and AD1847.
The device is available in a 14-lead SOIC package, and is guar-
anteed for operation over the extended industrial temperature
range of –40
°C to +85°C. For similar features and performance
in an 8-lead package, please refer to the SSM2165.
INPUT – dBu
–70
0
–60
–50
–40
–30
–20
–10
10
0
–30
–40
–50
–60
–10
–20
RATIO = 10:1
RATIO = 2:1
RATIO = 1:1
Figure 1. SSM2166 Compression and Gating Char-
acteristics with 10 dB of Fixed Gain (The Gain Adjust
Pin Can Be Used to Vary This Fixed Gain Amount)
CONTROL
AUDIO
+IN
0.1 F
6
BUFOUT
53
10 F
*
13
OUTPUT
9
NOISE GATE
SET
V+
11
ROTATION
POINT SET
10
8
1
GND
22 F
COMPRESSION
RATIO
SET
25k
2
2.3k
14
500k
17k
1k
VCAR
7
LEVEL
DETECTOR
BUFFER
VCA
1k
VCAIN
SSM2166
4
10 F
R1 = 10k
R2 = 10k
1 F
+
12
POWER
DOWN
AVG
CAP
+
++
*OPTIONAL
V+
VCA GAIN
ADJ
–IN
Figure 2. Functional Block Diagram and Typical Speech Application


Similar Part No. - SSM2166

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2166 AD-SSM2166 Datasheet
214Kb / 15P
Microphone Preamplifier with Variable Compression and Noise Gating
REV.A
SSM2166 AD-SSM2166 Datasheet
437Kb / 13P
Microphone Preamplifier
10/2016-Rev. E to Rev. F
SSM2166 AD-SSM2166 Datasheet
605Kb / 20P
Microphone Preamplifier with Variable Compression and Noise Gating
Rev. E
SSM2166P AD-SSM2166P Datasheet
214Kb / 15P
Microphone Preamplifier with Variable Compression and Noise Gating
REV.A
SSM2166S AD-SSM2166S Datasheet
214Kb / 15P
Microphone Preamplifier with Variable Compression and Noise Gating
REV.A
More results

Similar Description - SSM2166

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2165 AD-SSM2165 Datasheet
163Kb / 10P
Microphone Preamplifier with Variable Compression and Noise Gating
REV.A
SSM2166 AD-SSM2166 Datasheet
214Kb / 15P
Microphone Preamplifier with Variable Compression and Noise Gating
REV.A
SSM2167 AD-SSM2167 Datasheet
121Kb / 8P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
SSM-2015 AD-SSM-2015 Datasheet
264Kb / 5P
LOW NOISE MICROPHONE PREAMPLIFIER
SSM2167 AD-SSM2167_07 Datasheet
275Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noige Gating
11/07-Rev. B to Rev. C
SSM2166 AD-SSM2166_08 Datasheet
549Kb / 20P
Microphone Preamplifier with Variable Compression and Noise Gating
REV. D
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2165 AD-SSM2165_15 Datasheet
338Kb / 12P
Microphone Preamplifier with Variable Compression and Noise Gating
REV. B
SSM2166 AD-SSM2166_15 Datasheet
605Kb / 20P
Microphone Preamplifier with Variable Compression and Noise Gating
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com