Electronic Components Datasheet Search
  English  ▼

X  

SSM2166 Datasheet(PDF) 2 Page - Analog Devices

Part # SSM2166
Description  Microphone Preamplifier with Variable Compression and Noise Gating
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2166 Datasheet(HTML) 2 Page - Analog Devices

  SSM2166 Datasheet HTML 1Page - Analog Devices SSM2166 Datasheet HTML 2Page - Analog Devices SSM2166 Datasheet HTML 3Page - Analog Devices SSM2166 Datasheet HTML 4Page - Analog Devices SSM2166 Datasheet HTML 5Page - Analog Devices SSM2166 Datasheet HTML 6Page - Analog Devices SSM2166 Datasheet HTML 7Page - Analog Devices SSM2166 Datasheet HTML 8Page - Analog Devices SSM2166 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. B
–2–
SSM2166–SPECIFICATIONS
(V+ = 5 V, f = 1 kHz, RL = 100 k , RGATE = 600 k , RROTATION = 3 k , RCOMP = 0
,
R1 = 0
, R2 =
, TA = 25 C, unless otherwise noted, VIN = 300 mV rms.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
AUDIO SIGNAL PATH
Voltage Noise Density
en
15:1 Compression
17
nV/
√Hz
Noise
20 kHz Bandwidth, VIN = GND
–109
dBu
1
Total Harmonic Distortion
THD+N
2nd and 3rd Harmonics, VIN = –20 dBu
0.25
0.5
%
22 kHz Low-Pass Filter
Input Impedance
ZIN
180
k
Ω
Output Impedance
ZOUT
75
Ω
Load Drive
Resistive
5
k
Ω
Capacitive
2
nF
Buffer
Input Voltage Range
1% THD
1
V rms
Output Voltage Range
1% THD
1
V rms
VCA
Input Voltage Range
1% THD
1
V rms
Output Voltage Range
1% THD
1.4
V rms
Gain Bandwidth Product
1:1 Compression, VCA G = 60 dB
30
MHz
CONTROL SECTION
VCA Dynamic Gain Range
60
dB
VCA Fixed Gain Range
–60 to +19
dB
Compression Ratio, Min
1:1
Compression Ratio, Max
See TPC 3 for RCOMP/RROT
15:1
Control Feedthrough
15:1 Compression, Rotation Point = –10 dBu
±5mV
POWER SUPPLY
Supply Voltage Range
VS
4.5
5.5
V
Supply Current
ISY
7.5
10
mA
Quiescent Output Voltage Level
2.2
V
Power Supply Rejection Ratio
PSRR
50
dB
POWER DOWN
Supply Current
Pin 12 = V+
2
10
100
µA
NOTES
10 dBu = 0.775 V rms.
2Normal operation: Pin 12 = 0 V.
Specifications subject to change without notice.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
SSM2166S
–40
°C to +85°CNarrow SOIC
R-14
ABSOLUTE MAXIMUM RATINGS
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +10 V
Audio Input Voltage . . . . . . . . . . . . . . . . . . . . . Supply Voltage
Operating Temperature Range . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . 150
°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . . 300
°C
ESD RATINGS
883 (Human Body) Model . . . . . . . . . . . . . . . . . . . . . . 2.0 kV
THERMAL CHARACTERISTICS
Thermal Resistance
14-Lead SOIC
θJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120°C/W
θ
JC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
°C/W
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
SSM2166 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com