Electronic Components Datasheet Search
  English  ▼

X  

SSM2166 Datasheet(PDF) 7 Page - Analog Devices

Part # SSM2166
Description  Microphone Preamplifier with Variable Compression and Noise Gating
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2166 Datasheet(HTML) 7 Page - Analog Devices

Back Button SSM2166 Datasheet HTML 3Page - Analog Devices SSM2166 Datasheet HTML 4Page - Analog Devices SSM2166 Datasheet HTML 5Page - Analog Devices SSM2166 Datasheet HTML 6Page - Analog Devices SSM2166 Datasheet HTML 7Page - Analog Devices SSM2166 Datasheet HTML 8Page - Analog Devices SSM2166 Datasheet HTML 9Page - Analog Devices SSM2166 Datasheet HTML 10Page - Analog Devices SSM2166 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. B
SSM2166
–7–
bandwidth is unaffected). The GBW plots are shown in TPC 8b.
The lower 3 dB cutoff frequency of the SSM2166 is set by the
input impedance of the VCA (1 k
Ω) and C6. While the noise of
the input buffer is fixed, the input referred noise of the VCA is a
function of gain. The VCA input noise is designed to be a mini-
mum when the gain is at a maximum, thereby optimizing the usable
dynamic range of the part. An image of the SSM2166’s wideband
peak-to-peak output noise is illustrated in TPC 8a.
Level Detector
The SSM2166 incorporates a full-wave rectifier and a patent-
pending, true rms level detector circuit whose averaging time
constant is set by an external capacitor connected to the AVG
CAP pin (Pin 8). For optimal low frequency operation of the
level detector down to 10 Hz, the value of the capacitor should
be 2.2
µF. Some experimentation with larger values for the
AVG CAP may be necessary to reduce the effects of excessive
low frequency ambient background noise. The value of the
averaging capacitor affects sound quality: too small a value for
this capacitor may cause a “pumping effect” for some signals,
while too large a value can result in slow response times to
signal dynamics. Electrolytic capacitors are recommended here
for lowest cost and should be in the range of 2
µF to 47 µF.
Capacitor values from 18
µF to 22 µF have been found to be
more appropriate in voice-band applications, where capacitors
on the low end of the range seem more appropriate for music
program material.
The rms detector filter time constant is approximately given by
10
CAVG milliseconds where CAVG is in
µF. This time constant
controls both the steady-state averaging in the rms detector as
well as the release time for compression; that is, the time it takes
for the system gain to react when a large input is followed by a
small signal. The attack time, the time it takes for the gain to be
reduced when a small signal is followed by a large signal, is
controlled partly by the AVG CAP value, but is mainly controlled
by internal circuitry that speeds up the attack for large level
changes. This limits overload time to under 1 ms in most cases.
The performance of the rms level detector is illustrated in Figure 5
for a CAVG of 2.2
µF (Figure 5a) and 22 µF (Figure 5b). In each of
these images, the input signal to the SSM2166 (not shown) is a
series of tone bursts in six successive 10 dB steps. The tone
bursts range from –66 dBV (0.5 mV rms) to –6 dBV (0.5 V rms).
As illustrated in the images, the attack time of the rms level
detector is dependent only on CAVG, but the release times are
linear ramps whose decay times are dependent on both CAVG
and the input signal step size. The rate of release is approximately
240 dB/s for a CAVG of 2.2
µF, and 12 dB/s for a C
AVG of 22
µF.
10
0%
100
90
100mV
100ms
–6dBV
–66dBV
–85dBV
Figure 5a. RMS Level Detector Performance with
CAVG = 2.2
µF
AUDIO
+IN
BUFOUT
53
2
VOUT
9
NOISE
GATE
11
ROTATION
POINT
ADJUST
10
1
GND
13
VCAR
7
RMS
LEVEL
DETECTOR
INPUT
BUFFER
VCA
VCAIN
SSM2166
R2 = 10k
1 F
CONTROL
CIRCUITRY
12
POWER
DOWN
POWER
DOWN
RGAIN
COMPRESSION
RATIO SET
RCOMP
8
CAVG
2.2 F
AVG
CAP
GAIN
ADJUST
OUTPUT
1k
4
1k
C6
10 F
V+
V+
RGATE
RROT PT
GND
C7
*
10 F
*OPTIONAL
0.1 F
R1 = 10k
+
14
6
–IN
Figure 4. Functional Block Diagram and Typical Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com