Electronic Components Datasheet Search
  English  ▼

X  

SSM2166 Datasheet(PDF) 10 Page - Analog Devices

Part # SSM2166
Description  Microphone Preamplifier with Variable Compression and Noise Gating
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2166 Datasheet(HTML) 10 Page - Analog Devices

Back Button SSM2166 Datasheet HTML 6Page - Analog Devices SSM2166 Datasheet HTML 7Page - Analog Devices SSM2166 Datasheet HTML 8Page - Analog Devices SSM2166 Datasheet HTML 9Page - Analog Devices SSM2166 Datasheet HTML 10Page - Analog Devices SSM2166 Datasheet HTML 11Page - Analog Devices SSM2166 Datasheet HTML 12Page - Analog Devices SSM2166 Datasheet HTML 13Page - Analog Devices SSM2166 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. B
–10–
SSM2166
(4) When using high impedance sources (
≥5 kΩ), system gains
in excess of 60 dB are not recommended. This configuration is
rarely appropriate, as virtually all high impedance inputs provide
larger amplitude signals that do not require as much amplification.
When using high impedance sources, however, it can be advan-
tageous to shunt the source with a capacitor to ground at the input
pin of the IC (Pin 7) to lower the source impedance at high
frequencies, as shown in Figure 11. A capacitor with a value of
1000 pF is a good starting value and sets a low-pass corner
at 31 kHz for 5 k
Ω sources. In applications where the source
ground is not as “clean” as would be desirable, a capacitor
(illustrated as C7 on the evaluation board) from the VCAR input
to the source ground might prove beneficial. This capacitor is
used in addition to the grounded capacitor (illustrated as C2 on
the evaluation board) used in the feedback around the buffer,
assuming that the buffer is configured for gain.
CX
1000pF
C1
0.1 F
AUDIO IN
(RS > 5k )
7
+IN
SSM2166
NOTE: ADDITIONAL CIRCUIT DETAILS
OMITTED FOR CLARITY.
Figure 11. Circuit Configuration for Use with High
Impedance Signal Sources
The value of the C7 should be the same as C6, the capacitor
value used between BUFOUT and VCAIN. This connection
makes the source ground noise appear as a common-mode
signal to the VCA, allowing the common-mode noise to be
rejected by the VCA’s differential input circuitry. C7 can also be
useful in reducing ground loop problems and in reducing noise
coupling from the power supply by balancing the impedances
connected to the inputs of the internal VCA.
SSM2166 Evaluation Board
A schematic diagram of the SSM2166 evaluation board,
available upon request from Analog Devices, is illustrated in
Figure 12. As a design aid, the layouts for the topside silkscreen
and the topside and backside metallization layers are shown in
Figures 13a, 13b, and 13c. Although not shown to scale, the
finished dimension of the evaluation board is 3.5 inches by 3.5
inches, and comes complete with pin sockets and a sample of
the SSM2166.
ROT PT.
ADJ
NOISE
GATE
ADJ
9
R7
1M
CW
R8
1k
C3
0.1 F
+V
R12
100k
J3
NOISE
GATE
POWER
DN
V+
14
BUFOUT
VCAIN
C6
10 F
+
53
VCAR
7
+INPUT
MIC
PWR
INPUT
JACK
1/8"
PHONE
C1
0.1 F
3
1
2
C7
10 F
+
4
GAIN
ADJUST
MUTE
SWITCH
R11
330
2
R9
1k
CW
R10
20k
C5
0.01 F
GAIN
ADJ
AVG
CAP
+
8
C4
22 F
1
–INPUT
SSM2166
6
R2
10k
C2
1 F
COMP
RATIO
10
CW
R6
100k
COMP
RATIO
13
5
4
OP113
6
7
OUTPUT
JACK
RCA
PHONO
OUTPUT
CW
R3
50k
R4
1k
ROTATION
PT ADJ
11
R1
10k
12
GND
Figure 12. Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com