Electronic Components Datasheet Search
  English  ▼

X  

ADL5521 Datasheet(PDF) 37 Page - Analog Devices

Part # ADL5521
Description  400 MHz - 4000 MHz Low Noise Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5521 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADL5521 Datasheet HTML 33Page - Analog Devices ADL5521 Datasheet HTML 34Page - Analog Devices ADL5521 Datasheet HTML 35Page - Analog Devices ADL5521 Datasheet HTML 36Page - Analog Devices ADL5521 Datasheet HTML 37Page - Analog Devices ADL5521 Datasheet HTML 38Page - Analog Devices ADL5521 Datasheet HTML 39Page - Analog Devices ADL5521 Datasheet HTML 40Page - Analog Devices ADL5521 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
Preliminary Technical Data
ADL5521
Rev. PrC| Page 37 of 45
Tuning the LNA Input for Optimal Gain
LNAs are generally tuned for either gain or noise optimization, or
some tradeoff between the two. One figure of merit of an LNA is
how much tradeoff must be made for one of these parameters to
optimize the other. With the ADL5521 and ADL5523, S11 of 6 to
8dB at the input to the matching network can still be typically
achieved when optimizing for noise.
For optimal gain matching, the goal is to use a matching network
that converts the input impedance of the LNA to the characteristic
impedance of the system, typically 50 Ω. Correct tuning for gain
matching results in a conjugate match. That is, the impedance of
the matching network at the LNA input, looking back toward the
generator, will always be the complex conjugate of the LNA input
impedance when matched for gain.
Once the conjugate of S11 is known, a matching circuit must be
found which transforms the 50 Ω system impedance into the
conjugate S11 impedance. To do this, the designer starts at the
origin of the circle and finds components that move the 50
Ω match to S11*.
The related impedances for gain matching are shown in Figure
124. A Smith Chart representation of the conjugate match is
shown in Figure 125.
LNA
S11
S11*
Matching
Network
50
Ω
50
Ω
Figure 124. Matching LNA Input for Gain
S11
S11*
Figure 125. Smith Chart Representation of Conjugate Match
Tuning the LNA Input for Optimal Noise Figure
The point in the Smith Chart at which matching for optimal noise
occurs is typically referred to as Gamma Optimal, or ΓOPT. It’s
often different than the gain matching point. Finding ΓOPT is not
as obvious as the gain match. ΓOPT is a function of the
semiconductor structure and characteristics of the LNA. Typically,
the fabrication facility that produces the LNA will have this
information. ΓOPT can also be determined by doing source pull
testing in the lab.
Noise matching for the ADL5521 and 23 is actually very easy, as
the area of the Smith Chart where the noise figure is optimal or
near optimal is not confined to a narrow area around ΓOPT. This is
very advantageous as it means that component variations will play
a smaller part in board to board variation of noise figure.
The matching area for optimal noise for the ADL5523 and
ADL5521 is shown in Figure 126. Note that textbooks usually
define noise circles as a conjugate match. However, for the
purpose of this note this circle is a direct match, we will do things
slightly differently. In our case to find the correct matching circuit,
the designer must start with the S11 of the LNA, then select
components which move the S11 to within this circle.
One important aspect of the overall ADL5521 and 23 ease of
tuning is that as long as S22 is matched for a particular frequency,
this noise matching area remains very consistent in its placement
for that frequency. Said another way, if S22 is matched, we simply
have to take the measured S11 and move it into the black circle for
optimal noise matching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com