Electronic Components Datasheet Search
  English  ▼

X  

ADL5521 Datasheet(PDF) 41 Page - Analog Devices

Part # ADL5521
Description  400 MHz - 4000 MHz Low Noise Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5521 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADL5521 Datasheet HTML 37Page - Analog Devices ADL5521 Datasheet HTML 38Page - Analog Devices ADL5521 Datasheet HTML 39Page - Analog Devices ADL5521 Datasheet HTML 40Page - Analog Devices ADL5521 Datasheet HTML 41Page - Analog Devices ADL5521 Datasheet HTML 42Page - Analog Devices ADL5521 Datasheet HTML 43Page - Analog Devices ADL5521 Datasheet HTML 44Page - Analog Devices ADL5521 Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
Preliminary Technical Data
ADL5521
Rev. PrC| Page 41 of 45
Figure 133. Example of Series L, Shunt C Matching Network for
Γ
OPT
(800MHz Example)
Example of Optimal Noise Matching at 850MHz
Based on the S11 information given in Figure 127, a value of L of
9.0nH and a value of C of 2.2pf were experimentally determined
in the lab. The measured results of Noise Figure and S parameters
are given in Figure 134, Figure 135, and Figure 136
Example of Optimal Noise Matching at 2.4GHz
Based on the S11 information given in Figure 1275, a value of L of
1.3nH and a value of C of 1.3pf were experimentally determined
in the lab. The measured results of Noise Figure and S parameters
are given in Figure 137, Figure 138, and Figure 139.
Optimal matching component values for several other frequencies
are given in Table 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com