Electronic Components Datasheet Search
  English  ▼

X  

ADL5521 Datasheet(PDF) 29 Page - Analog Devices

Part # ADL5521
Description  400 MHz - 4000 MHz Low Noise Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5521 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADL5521 Datasheet HTML 25Page - Analog Devices ADL5521 Datasheet HTML 26Page - Analog Devices ADL5521 Datasheet HTML 27Page - Analog Devices ADL5521 Datasheet HTML 28Page - Analog Devices ADL5521 Datasheet HTML 29Page - Analog Devices ADL5521 Datasheet HTML 30Page - Analog Devices ADL5521 Datasheet HTML 31Page - Analog Devices ADL5521 Datasheet HTML 32Page - Analog Devices ADL5521 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
Preliminary Technical Data
ADL5521
Rev. PrC| Page 29 of 45
note - ground is through thermal pad
*Murata-Erie multilayer ceramic cap
1
2
3
4
5
6
7
8
C2 (82pF)
R1 (3.3K
Ω)
VPOS
C5 (1nF)
C3 (1nF)
VBIAS
VDD
Input
RFIN
NC
NC
NC
a
NC
**Coilcraft High Q Surface Mount Inductor
RFOUT
C1*
L1**
L2
Figure 88. LNA Eval Board Schematic.
Table 6. Recommended Components and Positions of Matching Components for Basic Connections, Tuned for Optimal Noise
Frequency
C1
C2
C3
C4
C5
L1
L2
TR1(mm)
TR2(mm)
R1
500MHz
open
10nF
220pF
82pF
open
9nH
12nH
0
0
3.3K
Ω
900 MHz
2.4pF
8.2nH
3.4nH
0
0
1300 MHz
2.7pF
150pf
3.4nH
0
Ω
0
7.5 x 0.5
1950 MHz
1.3pF
1nF
1.1nH
0
Ω
4 x 0.5
3.5 x 0.5
2140 MHz
1.3pf
1.1nH
0
Ω
4.5 x 0.5
3.0 x 0.5
2600 MHz
1.3pf
1.3nH
0
Ω
5 x 0.5
2.5 x 0.5
3500 MHz
0.5pf
1.2nf
2.4pf*
0
Ω
6.5 x 0.5
1x 0.5
*Capacitor, not inductor, used to match at 3500MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com