Electronic Components Datasheet Search
  English  ▼

X  

ADL5521 Datasheet(PDF) 45 Page - Analog Devices

Part # ADL5521
Description  400 MHz - 4000 MHz Low Noise Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5521 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADL5521 Datasheet HTML 37Page - Analog Devices ADL5521 Datasheet HTML 38Page - Analog Devices ADL5521 Datasheet HTML 39Page - Analog Devices ADL5521 Datasheet HTML 40Page - Analog Devices ADL5521 Datasheet HTML 41Page - Analog Devices ADL5521 Datasheet HTML 42Page - Analog Devices ADL5521 Datasheet HTML 43Page - Analog Devices ADL5521 Datasheet HTML 44Page - Analog Devices ADL5521 Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 45 / 45 page
background image
Preliminary Technical Data
ADL5521
Rev. PrC| Page 45 of 45
PR06828-0-2/08(PrC)
OUTLINE DIMENSIONS
1
EXPOSED
PAD
(BOTTOM VIEW)
0.50
BSC
PIN 1
INDICATOR
0.50
0.40
0.30
TOP
VIEW
12° MAX
0.70 MAX
0.65 TYP
0.90 MAX
0.85 NOM
0.05 MAX
0.01 NOM
0.20 REF
1.89
1.74
1.59
4
1.60
1.45
1.30
3.25
3.00 SQ
2.75
2.95
2.75 SQ
2.55
5
8
PIN 1
INDICATOR
SEATING
PLANE
0.30
0.23
0.18
0.60 MAX
0.60 MAX
Figure 140. 8-Lead Lead Frame Chip Scale Package [LFCSP_VD]
3mm × 3 mm Body, Very Thin, Dual Lead CP-8-2
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADL5521ACPZ-R71
–40°C to +85°C
7” Tape and Reel
CP-8-2
ADL5521ACPZ-WP1
–40°C to +85°C
Waffle Pack
CP-8-2
ADL5521-EVALZ
Evaluation Board
ADL5521 is qualified to the reflow profile in JEDEC standard J-STD-020 at a peak temp of 260C. Moisture sensitivity level
per JEDEC standard J-STD-20 is MSL3.
1 Z = Pb free part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com