Electronic Components Datasheet Search
  English  ▼

X  

ADL5521 Datasheet(PDF) 42 Page - Analog Devices

Part # ADL5521
Description  400 MHz - 4000 MHz Low Noise Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5521 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADL5521 Datasheet HTML 37Page - Analog Devices ADL5521 Datasheet HTML 38Page - Analog Devices ADL5521 Datasheet HTML 39Page - Analog Devices ADL5521 Datasheet HTML 40Page - Analog Devices ADL5521 Datasheet HTML 41Page - Analog Devices ADL5521 Datasheet HTML 42Page - Analog Devices ADL5521 Datasheet HTML 43Page - Analog Devices ADL5521 Datasheet HTML 44Page - Analog Devices ADL5521 Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
ADL5521
Preliminary Technical Data
Rev. PrC| Page 42 of 45
0
5
10
15
20
25
5E+08
7E+08
9E+08 1.1E+09 1.3E+09 1.5E+09 1.7E+09 1.9E+09
Noise Figure
Gain
Figure 134. Noise Figure of ADL5521 When Tuned for 850MHz
Figure 135. S22 and S11 Matching for ADL5521, 850MHz Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com