Electronic Components Datasheet Search
  English  ▼

X  

OP484ESZ Datasheet(PDF) 7 Page - Analog Devices

Part # OP484ESZ
Description  Precision Rail-to-Rail Input and Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484ESZ Datasheet(HTML) 7 Page - Analog Devices

Back Button OP484ESZ Datasheet HTML 3Page - Analog Devices OP484ESZ Datasheet HTML 4Page - Analog Devices OP484ESZ Datasheet HTML 5Page - Analog Devices OP484ESZ Datasheet HTML 6Page - Analog Devices OP484ESZ Datasheet HTML 7Page - Analog Devices OP484ESZ Datasheet HTML 8Page - Analog Devices OP484ESZ Datasheet HTML 9Page - Analog Devices OP484ESZ Datasheet HTML 10Page - Analog Devices OP484ESZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
OP184/OP284/OP484
Rev. D | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
300
250
200
150
100
50
0
0
0.250.500.751.001.25
1.
OFFSET VOLTAGE DRIFT, TCVOS (µV/°C)
INPUT OFFSET VOLTAGE (µV)
300
0
270
180
90
60
30
240
210
120
150
–100
–75
–50
–25
0
25
50
75
100
VS = 3V
TA = 25°C
VCM = 1.5V
50
VS = 5V
–40°C ≤ TA ≤ +125°C
Figure 8. Input Offset Voltage Drift Distribution
Figure 5. Input Offset Voltage Distribution
300
250
200
150
100
50
0
0
0.250.500.751.001.25
1.
OFFSET VOLTAGE DRIFT, TCVOS (µV/°C)
INPUT OFFSET VOLTAGE (µV)
300
0
270
180
90
60
30
240
210
120
150
–100
–75
–50
–25
0
25
50
75
100
VS = 5V
TA = 25°C
VCM = 2.5V
50
VS = ±15V
–40°C ≤ TA ≤ +125°C
Figure 6. TPC 2. Input Offset Voltage Distribution
Figure 9. Input Offset Voltage Drift Distribution
–40
–45
–50
–55
–60
–65
–70
–75
–80
–40
25
85
125
VCM = VS/2
VS = +5V
VS = ±15V
TEMPERATURE (°C)
INPUT OFFSET VOLTAGE (µV)
200
0
175
100
75
50
25
150
125
–125 –100 –75
–50
–25
0
25
100
50
75
125
VS = ±15V
TA = 25°C
Figure 10. Bias Current vs. Temperature
Figure 7. Input Offset Voltage Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com