Electronic Components Datasheet Search
  English  ▼

X  

OP484ESZ Datasheet(PDF) 14 Page - Analog Devices

Part # OP484ESZ
Description  Precision Rail-to-Rail Input and Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484ESZ Datasheet(HTML) 14 Page - Analog Devices

Back Button OP484ESZ Datasheet HTML 10Page - Analog Devices OP484ESZ Datasheet HTML 11Page - Analog Devices OP484ESZ Datasheet HTML 12Page - Analog Devices OP484ESZ Datasheet HTML 13Page - Analog Devices OP484ESZ Datasheet HTML 14Page - Analog Devices OP484ESZ Datasheet HTML 15Page - Analog Devices OP484ESZ Datasheet HTML 16Page - Analog Devices OP484ESZ Datasheet HTML 17Page - Analog Devices OP484ESZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
OP184/OP284/OP484
Rev. D | Page 14 of 24
APPLICATIONS INFORMATION
FUNCTIONAL DESCRIPTION
To achieve rail-to-rail output, the OP284 output stage design
employs a unique topology for both sourcing and sinking
current. This circuit topology is illustrated in
The OP184/OP284/OP484 are precision single-supply, rail-to-rail
operational amplifiers. Intended for the portable instrumentation
marketplace, the OPx84 family of devices combine the attributes
of precision, wide bandwidth, and low noise to make them a
superb choice in single-supply applications that require both ac
and precision dc performance. Other low supply voltage
applications for which the OP284 is well suited are active filters,
audio microphone preamplifiers, power supply control, and
telecommunications. To combine all of these attributes with
rail-to-rail input/output operation, novel circuit design techniques
are used.
Figure 45. The
output stage is voltage-driven from the second gain stage. The
signal path through the output stage is inverting; that is, for
positive input signals, Q1 provides the base current drive to Q6
so that it conducts (sinks) current. For negative input signals,
the signal path via Q1→Q2→D1→Q4→Q3 provides the base
current drive for Q5 to conduct (source) current. Both
amplifiers provide output current until they are forced into
saturation, which occurs at approximately 20 mV from the
negative supply rail and 100 mV from the positive supply rail.
VPOS
I2
I1
Q1
Q3
Q4
Q2
VNEG
Q5
VOUT
Q6
R6
R3
R2
R1
R4
R5
D1
INPUT FROM
SECOND GAIN
STAGE
D1
D2
Q4
VPOS
I1
Q3
2
Q
1
Q
I2
V01
V02
–IN
VNEG
+IN
–
–
R4
3kΩ
R3
3kΩ
R2
4kΩ
R1
4kΩ
Figure 44. OP284 Equivalent Input Circuit
Figure 45. OP284 Equivalent Output Circuit
Thus, the saturation voltage of the output transistors sets the
limit on the OP284 maximum output voltage swing. Output
short-circuit current limiting is determined by the maximum
signal current into the base of Q1 from the second gain stage.
Under output short-circuit conditions, this input current level
is approximately 100 μA. With transistor current gains around 200,
the short-circuit current limits are typically 20 mA. The output
stage also exhibits voltage gain. This is accomplished by the use
of common-emitter amplifiers, and, as a result, the voltage gain
of the output stage (thus, the open-loop gain of the device)
exhibits a dependence to the total load resistance at the output
of the OP284.
For example, Figure 44 illustrates a simplified equivalent circuit
for the input stage of the OP184/OP284/OP484. It comprises
an NPN differential pair, Q1→Q2, and a PNP differential pair,
Q3→Q4, operating concurrently. Diode Network D1→Diode
Network D2 serves to clamp the applied differential input
voltage to the OP284, thereby protecting the input transistors
against avalanche damage. Input stage voltage gains are kept low
for input rail-to-rail operation. The two pairs of differential
output voltages are connected to the OP284’s second stage,
which is a compound folded cascade gain stage. It is also in the
second gain stage, where the two pairs of differential output
voltages are combined into a single-ended, output signal voltage
used to drive the output stage. A key issue in the input stage is
the behavior of the input bias currents over the input common-
mode voltage range. Input bias currents in the OP284 are the
arithmetic sum of the base currents in Q1→Q3 and in Q2→Q4.
As a result of this design approach, the input bias currents in
the OP284 not only exhibit different amplitudes; they also
exhibit different polarities. This effect is best illustrated by
INPUT OVERVOLTAGE PROTECTION
As with any semiconductor device, if conditions exist where the
applied input voltages to the device exceed either supply voltage,
the input overvoltage I-V characteristic of the device must be
considered. When an overvoltage occurs, the amplifier could be
damaged, depending on the magnitude of the applied voltage
and the magnitude of the fault current. Figure 46 illustrates the
overvoltage I-V characteristic of the OP284. This graph was
generated with the supply pins connected to GND and a curve
tracer’s collector output drive connected to the input.
Figure 10. It is, therefore, of paramount importance that the
effective source impedances connected to the OP284 inputs
be balanced for optimum dc and ac performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com