Electronic Components Datasheet Search
  English  ▼

X  

OP484ESZ Datasheet(PDF) 8 Page - Analog Devices

Part # OP484ESZ
Description  Precision Rail-to-Rail Input and Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484ESZ Datasheet(HTML) 8 Page - Analog Devices

Back Button OP484ESZ Datasheet HTML 4Page - Analog Devices OP484ESZ Datasheet HTML 5Page - Analog Devices OP484ESZ Datasheet HTML 6Page - Analog Devices OP484ESZ Datasheet HTML 7Page - Analog Devices OP484ESZ Datasheet HTML 8Page - Analog Devices OP484ESZ Datasheet HTML 9Page - Analog Devices OP484ESZ Datasheet HTML 10Page - Analog Devices OP484ESZ Datasheet HTML 11Page - Analog Devices OP484ESZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
OP184/OP284/OP484
Rev. D | Page 8 of 24
500
–500
–400
–300
–200
–100
0
100
200
300
400
–15
–10
–5
0
5
10
15
COMMON-MODE VOLTAGE (V)
VS = ±15V
1.50
1.25
1.00
0.75
0.50
0.25
0
0
±2.5
±5.0
±7.5
±10.0
±12.5
±15.0
±17.5
±20.0
SUPPLY VOLTAGE (V)
TA = 25°C
Figure 11. Input Bias Current vs. Common-Mode Voltage
Figure 14. Supply Current vs. Supply Voltage
1000
10
100
0.01
0.1
1
10
LOAD CURRENT (mA)
SOURCE
SINK
VS = ±15V
50
40
30
20
10
0
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VS = ±15V
+ISC
–ISC
+ISC
–ISC
VS = +5V, VCM = +2.5V
Figure 12. Output Voltage to Supply Rail vs. Load Current
Figure 15. Short-Circuit Current vs. Temperature
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
–40
25
85
125
TEMPERATURE (°C)
VS = ±15V
VS = +5V
VS = +3V
70
60
50
40
30
20
10
0
–10
–20
–30
0
45
90
135
180
225
270
10k
100k
1M
10M
FREQUENCY (Hz)
VS = 5V
TA = 25°C
NO LOAD
Figure 13. Supply Current vs. Temperature
Figure 16. Open-Loop Gain and Phase vs. Frequency (No Load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com