Electronic Components Datasheet Search
  English  ▼

X  

OP484ESZ Datasheet(PDF) 11 Page - Analog Devices

Part # OP484ESZ
Description  Precision Rail-to-Rail Input and Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484ESZ Datasheet(HTML) 11 Page - Analog Devices

Back Button OP484ESZ Datasheet HTML 7Page - Analog Devices OP484ESZ Datasheet HTML 8Page - Analog Devices OP484ESZ Datasheet HTML 9Page - Analog Devices OP484ESZ Datasheet HTML 10Page - Analog Devices OP484ESZ Datasheet HTML 11Page - Analog Devices OP484ESZ Datasheet HTML 12Page - Analog Devices OP484ESZ Datasheet HTML 13Page - Analog Devices OP484ESZ Datasheet HTML 14Page - Analog Devices OP484ESZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
OP184/OP284/OP484
Rev. D | Page 11 of 24
160
140
120
100
80
60
40
20
0
–40
–20
10
100k
10M
1k
100
10k
1M
FREQUENCY (Hz)
VS = ±15V
VS = +5V
VS = +3V
TA = 25°C
30
25
20
15
10
5
0
110
100
FREQUENCY (Hz)
1000
±2.5V ≤ VS ≤ ±15V
TA = 25°C
Figure 29. PSRR vs. Frequency
Figure 32. Voltage Noise Density vs. Frequency
80
70
60
50
40
30
20
10
0
10
1000
100
CAPACITIVE LOAD (pF)
+OS
–OS
VS = ±2.5V
TA = 25°C, AVCL = 1
VIN = ±50mV
10
8
6
4
2
0
110
100
FREQUENCY (Hz)
1000
±2.5V ≤ VS ≤ ±15V
TA = 25°C
Figure 30. Small Signal Overshoot vs. Capacitive Load
Figure 33. Current Noise Density vs. Frequency
7
6
5
4
3
2
1
0
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VS = ±15V
RL = 2kΩ
VS = ±5V
RL = 2kΩ
+SLEW RATE
–SLEW RATE
+SLEW RATE
–SLEW RATE
5
4
3
2
1
–5
–4
–3
–2
–1
0
06
5
4
3
2
1
SETTLING TIME (µs)
VS = 5V
TA = 25°C
0.1%
0.01%
Figure 31. Slew Rate vs. Temperature
Figure 34. Step Size vs. Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com