Electronic Components Datasheet Search
  English  ▼

X  

OP484ESZ Datasheet(PDF) 12 Page - Analog Devices

Part # OP484ESZ
Description  Precision Rail-to-Rail Input and Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484ESZ Datasheet(HTML) 12 Page - Analog Devices

Back Button OP484ESZ Datasheet HTML 8Page - Analog Devices OP484ESZ Datasheet HTML 9Page - Analog Devices OP484ESZ Datasheet HTML 10Page - Analog Devices OP484ESZ Datasheet HTML 11Page - Analog Devices OP484ESZ Datasheet HTML 12Page - Analog Devices OP484ESZ Datasheet HTML 13Page - Analog Devices OP484ESZ Datasheet HTML 14Page - Analog Devices OP484ESZ Datasheet HTML 15Page - Analog Devices OP484ESZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
OP184/OP284/OP484
Rev. D | Page 12 of 24
10
8
6
4
2
–10
–8
–6
–4
–2
0
06
5
4
3
2
1
SETTLING TIME (µs)
VS = ±15V
TA = 25°C
0.1%
0.01%
160
140
120
100
80
–40
–20
0
20
40
60
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)
TA = 25°C
VS = ±15V
VS = +3V
Figure 35. Step Size vs. Settling Time
Figure 38. Channel Separation vs. Frequency
VS = ±15V
AV = 100kΩ
en = 0.3µV p-p
1s
100
90
10
0%
10mV
VS = 5V
AV = +1
RL = OPEN
CL = 300pF
TA = 25°C
1µs
100
90
10
0%
100mV
400mV
0V
Figure 36. 0.1 Hz to 10 Hz Noise
Figure 39. Small Signal Transient Response
VS = 5V, 0V
AV = 100kΩ
en = 0.3µV p-p
1s
100
90
10
0%
10mV
VS = 5V
AV = +1
RL = 2kΩ
CL = 300pF
TA = 25°C
1µs
100
90
10
0%
100mV
400mV
0V
Figure 37. 0.1 Hz to 10 Hz Noise
Figure 40. Small Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com