Electronic Components Datasheet Search
  English  ▼

X  

ADC12D040 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12D040
Description  Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12D040 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC12D040 Datasheet HTML 1Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 2Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 3Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 4Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 5Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 6Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 7Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 8Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
15
2
V
INA+
V
INB+
Non-Inverting analog signal Inputs. With a 2.0V reference the
full-scale input signal level is 2.0 V
P-P on each pin of the input
pair, centered on a common V
CM.
16
1
V
INA−
V
INB−
Inverting analog signal Input. With a 2.0V reference the
full-scale input signal level is 2.0 V
P-P on each pin of the input
pair, centered on a common V
CM. These (-) input pins may be
connected to a common V
CM for single-ended operation, but
a differential input signal is required for best performance.
7V
REF
Reference input. This pin should be bypassed to AGND with
a 0.1 µF monolithic capacitor when external reference is
used. V
REF is 2.0V nominal and should be between 1.0V to
2.4V.
11
INT/EXT REF
V
REF select pin. With a logic low at this pin the internal 2.0V
reference is selected. With a logic high on this pin an external
reference voltage must be applied to V
REF input pin 7.
13
5
V
RPA
V
RPB
These pins are high impedance reference bypass pins only.
Connect a 0.1 µF capacitor from each of these pins to AGND.
DO NOT LOAD these pins.
14
4
V
RMA
V
RMB
12
6
V
RNA
V
RNB
DIGITAL I/O
60
CLK
Digital clock input. The range of frequencies for this input is
100 kHz to 55 MHz (typical) with guaranteed performance at
40 MHz. The input is sampled on the rising edge of this input.
22
41
OEA
OEB
OEA and OEB are the output enable pins that, when low,
enables their respective TRI-STATE® data output pins. When
either of these pins is high, the corresponding outputs are in a
high impedance state.
59
PD
PD is the Power Down input pin. When high, this input puts
the converter into the power down mode. When this pin is
low, the converter is in the active mode.
21
OF
Output Format pin. A logic low on this pin causes output data
to be in offset binary format. A logic high on this pin causes
the output data to be in 2’s complement format.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com