Electronic Components Datasheet Search
  English  ▼

X  

ADC12D040 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12D040
Description  Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12D040 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC12D040 Datasheet HTML 3Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 4Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 5Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 6Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 7Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 8Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 9Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 10Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DC and Logic Electrical Characteristics (Continued)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, V
A =VD = +5V, VDR =
+3.0V, PD = 0V, INT/EXT = V
D,VREF = +2.0V, OEA, OEB = 0V, fCLK = 40 MHz, tr =tf = 3 ns, CL = 20 pF/pin. Boldface limits
apply for T
J =TMIN to TMAX: all other limits TJ = 25˚C (Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 10)
Units
(Limits)
POWER SUPPLY CHARACTERISTICS
I
A
Analog Supply Current
PD Pin = DGND, V
REF = 2.0V
PD Pin = V
DR
93
15
110
mA (max)
mA
I
D
Digital Supply Current
PD Pin = DGND
PD Pin = V
DR
16
0
18
mA (max)
mA
I
DR
Digital Output Supply Current
PD Pin = DGND, C
L = 0 pF (Note 14)
PD Pin = V
DR
10.5
0
12
mA (max)
mA
Total Power Consumption
PD Pin = DGND, C
L = 0 pF (Note 15)
PD Pin = V
DR
600
75
700
mW
mW
PSRR1
Power Supply Rejection
Rejection of Full-Scale Error with
V
A = 4.75V vs. 5.25V
56
dB
AC Electrical Characteristics
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, V
A =VD = +5V, VDR =
+3.0V, PD = 0V, INT/EXT = V
D,VREF = +2.0V, OEA, OEB = 0V, fCLK = 40 MHz, tr =tf = 3 ns, CL = 20 pF/pin. Boldface limits
apply for T
J =TMIN to TMAX: all other limits TJ = 25˚C (Notes 7, 8, 9, 12)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 10)
Units
(Limits)
f
CLK1
Maximum Clock Frequency
40
MHz (min)
f
CLK2
Minimum Clock Frequency
100
kHz
t
CH
Clock High Time
9
ns
t
CL
Clock Low Time
9
ns
t
CONV
Conversion Latency
6
Clock
Cycles
t
OD
Data Output Delay after Rising
CLK Edge
V
DR = 3.0V
10
17.5
ns (max)
t
AD
Aperture Delay
1.2
ns
t
AJ
Aperture Jitter
2
ps rms
t
HOLD
Clock Edge to Data Transition
8
ns
t
DIS
Data outputs into TRI-STATE
Mode
4ns
t
EN
Data Outputs Active after
TRI-STATE
4ns
t
PD
Power Down Mode Exit Cycle
500
ns
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: All voltages are measured with respect to GND = AGND = DGND DR GND = 0V, unless otherwise specified.
Note 3: When the input voltage at any pin exceeds the power supplies (that is, VIN < AGND, or VIN > VA), the current at that pin should be limited to 25 mA. The
50 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 25 mA to two.
Note 4: The absolute maximum junction temperature (TJmax) for this device is 150˚C. The maximum allowable power dissipation is dictated by TJmax, the
junction-to-ambient thermal resistance (
θJA), and the ambient temperature, (TA), and can be calculated using the formula PDMAX=(TJmax - TA )/θJA. The values
for maximum power dissipation listed above will be reached only when the device is operated in a severe fault condition (e.g. when input or output pins are driven
beyond the power supply voltages, or the power supply polarity is reversed). Obviously, such conditions should always be avoided.
Note 5: Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through 0Ω.
Note 6: The 235˚C reflow temperature refers to infrared reflow. For Vapor Phase Reflow (VPR), the following Conditions apply: Maintain the temperature at the top
of the package body above 183˚C for a minimum 60 seconds. The temperature measured on the package body must not exceed 220˚C. Only one excursion above
183˚C is allowed per reflow cycle.
Note 7: The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided current is limited per
(Note 3). However, errors in the A/D conversion can occur if the input goes above VA or below GND by more than 100 mV. As an example, if VA is 4.75V, the full-scale
input voltage must be
≤4.85V to ensure accurate conversions.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com