Electronic Components Datasheet Search
  English  ▼

X  

ADC12D040 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12D040
Description  Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12D040 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button ADC12D040 Datasheet HTML 8Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 9Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 10Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 11Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 12Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 13Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 14Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 15Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Typical Performance Characteristics V
A =VD = 5V, VDR = 3V, fCLK = 40 MHz, fIN = 10 MHz unless
otherwise stated (Continued)
INL & DNL vs. Temperature
SNR, SINAD, SFDR vs. Supply Voltage
20046039
20046040
SNR, SINAD, SFDR vs. Clock Frequency
SNR, SINAD, SFDR vs. Clock Duty Cycle
20046045
20046048
SNR, SINAD, SFDR vs. Input Frequency
SNR, SINAD, SFDR vs. Reference Voltage
20046042
20046051
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com