Electronic Components Datasheet Search
  English  ▼

X  

SD103AWS Datasheet(PDF) 33 Page - Microchip Technology

Part # SD103AWS
Description  12V, 9A High-Efficiency SuperSwitcher™ II Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SD103AWS Datasheet(HTML) 33 Page - Microchip Technology

Back Button SD103AWS Datasheet HTML 29Page - Microchip Technology SD103AWS Datasheet HTML 30Page - Microchip Technology SD103AWS Datasheet HTML 31Page - Microchip Technology SD103AWS Datasheet HTML 32Page - Microchip Technology SD103AWS Datasheet HTML 33Page - Microchip Technology SD103AWS Datasheet HTML 34Page - Microchip Technology SD103AWS Datasheet HTML 35Page - Microchip Technology SD103AWS Datasheet HTML 36Page - Microchip Technology SD103AWS Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
2025-2026 Microchip Technology Inc. and its subsidiaries
DS20007043B-page 33
MIC24054
RECOMMENDED LAND PATTERN
Dimension Limits
Units
Center Pad Length
Contact Pitch
Y2
MILLIMETERS
0.65 BSC
MIN
E
MAX
NOM
1
2
28
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
C1
C2
EV
X2
EV
Y2
Y3
G2
Y1
G1
G3
G4
G5
X3
X4
X1
G6
Center Pad Width
X2
3.70
Center Pad Width
X3
2.20
Center Pad Width
X4
0.90
1.60
2.83
Dimension Limits
Units
C2
Contact Pad Spacing
MILLIMETERS
MIN
MAX
5.80
Contact Pad Length
Contact Pad Width
Y1
X1
0.40
0.30
NOM
C1
Contact Pad Spacing
4.80
Contact Pad to Contact Pad
G2
0.35
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.30
1.00
Contact Pad to Center Pad
G1
0.12
Center Pad Length
Y3
ØV
E
Contact Pad to Center Pad
G4
0.60
Center Pad to Center Pad
G3
0.35
Center Pad to Center Pad
G5
0.13
Contact Pad to Center Pad
G6
0.35
SILK SCREEN
28-Lead Very Thin Plastic Quad Flat, No Lead Package (PKA) - 5x6x0.9 mm Body [VQFN]
With Multiple Exposed Pads and Fused Terminals; Micrel Legacy QFN56-28LD-PL-1
Microchip Technology Drawing C04-3120 Rev A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com