Electronic Components Datasheet Search
  English  ▼

X  

SD103AWS Datasheet(PDF) 8 Page - Microchip Technology

Part # SD103AWS
Description  12V, 9A High-Efficiency SuperSwitcher™ II Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SD103AWS Datasheet(HTML) 8 Page - Microchip Technology

Back Button SD103AWS Datasheet HTML 4Page - Microchip Technology SD103AWS Datasheet HTML 5Page - Microchip Technology SD103AWS Datasheet HTML 6Page - Microchip Technology SD103AWS Datasheet HTML 7Page - Microchip Technology SD103AWS Datasheet HTML 8Page - Microchip Technology SD103AWS Datasheet HTML 9Page - Microchip Technology SD103AWS Datasheet HTML 10Page - Microchip Technology SD103AWS Datasheet HTML 11Page - Microchip Technology SD103AWS Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
MIC24054
DS20007043B-page 8
2025-2026 Microchip Technology Inc. and its subsidiaries
FIGURE 2-13:
Feedback Voltage vs.
Temperature.
FIGURE 2-14:
Load Regulation vs.
Temperature.
FIGURE 2-15:
Line Regulation vs.
Temperature.
FIGURE 2-16:
Switching Frequency vs.
Temperature.
FIGURE 2-17:
VDD vs. Temperature.
FIGURE 2-18:
Output Current Limit vs.
Temperature.
0.788
0.792
0.796
0.800
0.804
0.808
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 12V
VOUT = 1.8V
IOUT = 2A
-1.0%
-0.5%
0.0%
0.5%
1.0%
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 12V
VOUT = 1.8V
IOUT =2A to 9A
-0.6%
-0.5%
-0.4%
-0.3%
-0.2%
-0.1%
0.0%
0.1%
0.2%
0.3%
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 4.5V to 19V
VOUT = 1.8V
IOUT = 2A
450
500
550
600
650
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
V
IN = 12V
V
OUT = 1.8V
I
OUT = 2A
2
3
4
5
6
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 12V
VOUT = 1.8V
IOUT =0A
0
5
10
15
20
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
V
IN = 12V
V
OUT = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com