Electronic Components Datasheet Search
  English  ▼

X  

SD103AWS Datasheet(PDF) 1 Page - Microchip Technology

Part # SD103AWS
Description  12V, 9A High-Efficiency SuperSwitcher™ II Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SD103AWS Datasheet(HTML) 1 Page - Microchip Technology

  SD103AWS Datasheet HTML 1Page - Microchip Technology SD103AWS Datasheet HTML 2Page - Microchip Technology SD103AWS Datasheet HTML 3Page - Microchip Technology SD103AWS Datasheet HTML 4Page - Microchip Technology SD103AWS Datasheet HTML 5Page - Microchip Technology SD103AWS Datasheet HTML 6Page - Microchip Technology SD103AWS Datasheet HTML 7Page - Microchip Technology SD103AWS Datasheet HTML 8Page - Microchip Technology SD103AWS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
2025-2026 Microchip Technology Inc. and its subsidiaries
DS20007043B-page 1
MIC24054
Features
• HyperLight Load® Efficiency: Up to 80% at 10 mA
• Hyper Speed Control® architecture enables
- High Delta V Operation (VIN = 19V and VOUT
= 0.8V)
- Small Output Capacitance
• Input Voltage Range: 4.5V to 19V
• Output Current Up to 9A
• Up to 95% Efficiency
• Adjustable Output Voltage from 0.8V to 5.5V
• ±1% FB Accuracy
• Any Capacitor™ stable: Zero-to-High ESR
• 600 kHz Switching Frequency
• Power Good (PG) Output
• Foldback Current-Limit and “Hiccup” Mode
Short-Circuit Protection
• Safe Start-Up into Pre-Biased Loads
• –40°C to +125°C Junction Temperature Range
• Available in a 28-lead 5 mm x 6 mm VQFN
Package
Applications
• Servers and Work Stations
• Routers, Switches, and Telecom Equipment
• Base Stations
General Description
The MIC24054 is a constant-frequency, synchronous
DC/DC buck regulator that features adaptive on-time
control architecture. The MIC24054 operates over a
supply range of 4.5V to 19V. It has an internal linear
regulator that provides a regulated 5V to power the
internal control circuitry. The MIC24054 operates at a
constant 600 kHz switching frequency in continuous
conduction mode and can be used to provide up to 9A
of output current. The output voltage is adjustable
down to 0.8V.
Microchip’s HyperLight Load® architecture provides
the same high-efficiency and ultra-fast transient
response as the Hyper Speed Control® architecture
under medium to heavy loads, but also maintains high
efficiency under light load conditions by transitioning to
variable frequency, discontinuous mode operation.
The MIC24054 offers a full suite of protection features
to ensure protection of the IC during fault conditions.
These include undervoltage lockout to ensure proper
operation under power-sag conditions, thermal
shutdown, internal soft-start to reduce the inrush
current, foldback current limit and “hiccup mode”
short-circuit protection. The MIC24054 includes a
power good (PG) output to allow simple sequencing.
The 9A Hyper Speed Control part, MIC24053, is also
available from Microchip.
Package Type
MIC24054
28-Lead VQFN (JL)
(Top View)
12V, 9A High-Efficiency SuperSwitcher™ II Buck Regulator


Similar Part No. - SD103AWS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Won-Top Electronics
SD103AWS WTE-SD103AWS Datasheet
41Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
SD103AWS DIODES-SD103AWS Datasheet
62Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30101 Rev. 7 - 2
logo
General Semiconductor
SD103AWS GE-SD103AWS Datasheet
130Kb / 3P
SCHOTTKY DIODES
logo
Weitron Technology
SD103AWS WEITRON-SD103AWS Datasheet
73Kb / 3P
Surface Mount Schottky Barrier Diodes
More results

Similar Description - SD103AWS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4684 MICREL-MIC4684 Datasheet
213Kb / 16P
2A High-Efficiency SuperSwitcher Buck Regulator
MIC4684 MICREL-MIC4684_10 Datasheet
504Kb / 16P
2A High-Efficiency SuperSwitcher Buck Regulator
MIC24051 MICREL-MIC24051 Datasheet
1Mb / 30P
12V, 6A High-Efficiency Buck Regulator
MIC24052 MICREL-MIC24052 Datasheet
1Mb / 30P
12V, 6A High-Efficiency Buck Regulator
MIC24053 MICREL-MIC24053 Datasheet
1Mb / 30P
12V, 9A High-Efficiency Buck Regulator
MIC24054 MICREL-MIC24054 Datasheet
1Mb / 30P
12V, 9A High-Efficiency Buck Regulator
MIC24055 MICREL-MIC24055 Datasheet
1Mb / 29P
12V, 12A High-Efficiency Buck Regulator
MIC24056 MICREL-MIC24056 Datasheet
1Mb / 30P
12V, 12A High-Efficiency Buck Regulator
logo
List of Unclassifed Man...
ZSPM4022-09 ETC2-ZSPM4022-09 Datasheet
1Mb / 38P
12V/9A Synchronous DC/DC Buck Regulator
logo
Renesas Technology Corp
ZSPM4022-09 RENESAS-ZSPM4022-09 Datasheet
1Mb / 37P
12V/9A Synchronous DC/DC Buck Regulator
January 25, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com