Electronic Components Datasheet Search
  English  ▼

X  

SD103AWS Datasheet(PDF) 6 Page - Microchip Technology

Part # SD103AWS
Description  12V, 9A High-Efficiency SuperSwitcher™ II Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SD103AWS Datasheet(HTML) 6 Page - Microchip Technology

Back Button SD103AWS Datasheet HTML 2Page - Microchip Technology SD103AWS Datasheet HTML 3Page - Microchip Technology SD103AWS Datasheet HTML 4Page - Microchip Technology SD103AWS Datasheet HTML 5Page - Microchip Technology SD103AWS Datasheet HTML 6Page - Microchip Technology SD103AWS Datasheet HTML 7Page - Microchip Technology SD103AWS Datasheet HTML 8Page - Microchip Technology SD103AWS Datasheet HTML 9Page - Microchip Technology SD103AWS Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
MIC24054
DS20007043B-page 6
2025-2026 Microchip Technology Inc. and its subsidiaries
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
VIN Operating Supply
Current vs. Input Voltage.
FIGURE 2-2:
VIN Shutdown Current vs.
Input Voltage.
FIGURE 2-3:
VDD Output Voltage vs.
Input Voltage.
FIGURE 2-4:
Feedback Voltage vs. Input
Voltage.
FIGURE 2-5:
Total Regulation vs. Input
Voltage.
FIGURE 2-6:
Output Current Limit vs.
Input Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0.0
0.2
0.4
0.6
0.8
1.0
4
7
10
13
16
19
INPUT VOLTAGE (V)
VOUT = 1.8V
IOUT = 0A
SWITCHING
0
10
20
30
40
4
7
10
13
16
19
INPUT VOLTAGE(V)
V
EN = 0V
R
EN = OPEN
0
2
4
6
8
10
4
7
10
13
16
19
INPUT VOLTAGE (V)
VFB = 0.9V
IDD = 10mA
0.792
0.796
0.800
0.804
0.808
4
7
10
13
16
19
INPUT VOLTAGE (V)
VOUT = 1.8V
IOUT = 2A
-1.0%
-0.5%
0.0%
0.5%
1.0%
4
7
10
13
16
19
INPUT VOLTAGE (V)
VOUT = 1.8V
IOUT = 2A to 9A
0
5
10
15
20
4
7
10
13
16
19
INPUT VOLTAGE (V)
VOUT = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com