Electronic Components Datasheet Search
  English  ▼

X  

SD103AWS Datasheet(PDF) 7 Page - Microchip Technology

Part # SD103AWS
Description  12V, 9A High-Efficiency SuperSwitcher™ II Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SD103AWS Datasheet(HTML) 7 Page - Microchip Technology

Back Button SD103AWS Datasheet HTML 3Page - Microchip Technology SD103AWS Datasheet HTML 4Page - Microchip Technology SD103AWS Datasheet HTML 5Page - Microchip Technology SD103AWS Datasheet HTML 6Page - Microchip Technology SD103AWS Datasheet HTML 7Page - Microchip Technology SD103AWS Datasheet HTML 8Page - Microchip Technology SD103AWS Datasheet HTML 9Page - Microchip Technology SD103AWS Datasheet HTML 10Page - Microchip Technology SD103AWS Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
2025-2026 Microchip Technology Inc. and its subsidiaries
DS20007043B-page 7
MIC24054
FIGURE 2-7:
Switching Frequency vs.
Input Voltage.
FIGURE 2-8:
Enable Input Current vs.
Input Voltage.
FIGURE 2-9:
PG/VREF Ratio vs. Input
Voltage.
FIGURE 2-10:
VIN Operating Supply
Current vs. Temperature.
FIGURE 2-11:
VIN Shutdown Current vs.
Temperature.
FIGURE 2-12:
VDD UVLO Threshold vs.
Temperature.
450
500
550
600
650
4
7
10
13
16
19
INPUT VOLTAGE (V)
V
OUT = 1.8V
I
OUT = 2A
0
4
8
12
16
4
7
10
13
16
19
INPUT VOLTAGE (V)
VEN = VIN
80%
85%
90%
95%
100%
4
7
10
13
16
19
INPUT VOLTAGE (V)
VFB = 0.8V
0.0
0.2
0.4
0.6
0.8
1.0
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 12V
VOUT = 1.8V
IOUT = 0A
SWITCHING
0
2
4
6
8
10
12
14
-50
-25
0
255075
100
125
TEMPERATURE (°C)
VIN = 12V
IOUT = 0A
VEN = 0V
-0.1
0.9
1.9
2.9
3.9
4.9
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
RISING
FALLING
HYST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com