Electronic Components Datasheet Search
  English  ▼

X  

IP80C88 Datasheet(PDF) 1 Page - Intersil Corporation

Part # IP80C88
Description  CMOS 8-/16-Bit Microprocessor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IP80C88 Datasheet(HTML) 1 Page - Intersil Corporation

  IP80C88 Datasheet HTML 1Page - Intersil Corporation IP80C88 Datasheet HTML 2Page - Intersil Corporation IP80C88 Datasheet HTML 3Page - Intersil Corporation IP80C88 Datasheet HTML 4Page - Intersil Corporation IP80C88 Datasheet HTML 5Page - Intersil Corporation IP80C88 Datasheet HTML 6Page - Intersil Corporation IP80C88 Datasheet HTML 7Page - Intersil Corporation IP80C88 Datasheet HTML 8Page - Intersil Corporation IP80C88 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
1
®
FN2949.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Harris Corporation 1997, Copyright Intersil Americas Inc. 2004, 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
80C88
CMOS 8-/16-Bit Microprocessor
The Intersil 80C88 high performance 8-/16-bit CMOS CPU is
manufactured using a self-aligned silicon gate CMOS
process (Scaled SAJI IV). Two modes of operation,
MINimum for small systems and MAXimum for larger
applications such as multiprocessing, allow user
configuration to achieve the highest performance level.
Full TTL compatibility (with the exception of CLOCK) and
industry-standard operation allow use of existing NMOS
8088 hardware and Intersil CMOS peripherals.
Complete software compatibility with the 80C86, 8086, and
8088 microprocessors allows use of existing software in new
designs.
Features
• Compatible with NMOS 8088
• Direct Software Compatibility with 80C86, 8086, 8088
• 8-Bit Data Bus Interface; 16-Bit Internal Architecture
• Completely Static CMOS Design
- DC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5MHz (80C88)
- DC . . . . . . . . . . . . . . . . . . . . . . . . . . . .8MHz (80C88-2)
• Low Power Operation
- ICCSB. . . . . . . . . . . . . . . . . . . . . . . . . 500µA Maximum
- ICCOP . . . . . . . . . . . . . . . . . . . . . 10mA/MHz Maximum
• 1 Megabyte of Direct Memory Addressing Capability
• 24 Operand Addressing Modes
• Bit, Byte, Word, and Block Move Operations
• 8-Bit and 16-Bit Signed/Unsigned Arithmetic
• Bus-Hold Circuitry Eliminates Pull-up Resistors
• Wide Operating Temperature Ranges
- C80C88 . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
- I80C88 . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
- M80C88 . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
• Pb-Free Available (RoHS Compliant)
Ordering Information
PART NUMBER
(5MHz)
PART
MARKING
PART NUMBER
(8MHz)
PART
MARKING
TEMPERATURE
RANGE
(°C)
PACKAGE
PKG. DWG. #
CP80C88
CP80C88
CP80C88-2
CP80C88-2
0 to +70
40 LD PDIP
E40.6
IP80C88
IP80C88
IP80C88-2
IP80C88-2
-40 to +85
40 LD PDIP
E40.6
MD80C88/B
MD80C88/B
-55 to +125
40 LD CERDIP
F40.6
CP80C88Z
(Note)
CP80C88Z
0 to +70
40 LD PDIP*
(Pb-Free)
E40.6
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100%
matte tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
Data Sheet
February 22, 2008


Similar Part No. - IP80C88

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IP80C88 INTERSIL-IP80C88 Datasheet
246Kb / 32P
CMOS 8/16-Bit Microprocessor
March 1997
IP80C88 INTERSIL-IP80C88 Datasheet
620Kb / 32P
CMOS 8/16-Bit Microprocessor
November 2004
IP80C88-2 INTERSIL-IP80C88-2 Datasheet
246Kb / 32P
CMOS 8/16-Bit Microprocessor
March 1997
IP80C88-2 INTERSIL-IP80C88-2 Datasheet
620Kb / 32P
CMOS 8/16-Bit Microprocessor
November 2004
More results

Similar Description - IP80C88

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM80C86A-10RS OKI-MSM80C86A-10RS Datasheet
269Kb / 37P
16-Bit CMOS MICROPROCESSOR
MSM80C88A-10RS OKI-MSM80C88A-10RS Datasheet
270Kb / 37P
8-Bit CMOS MICROPROCESSOR
logo
California Micro Device...
G65SC816 CALMIRCO-G65SC816 Datasheet
115Kb / 2P
CMOS 8/16-BIT MICROPROCESSOR FAMILY
logo
Intersil Corporation
80C86 INTERSIL-80C86 Datasheet
339Kb / 35P
CMOS 16-Bit Microprocessor
January 9, 2009
80C88 INTERSIL-80C88 Datasheet
246Kb / 32P
CMOS 8/16-Bit Microprocessor
March 1997
80C88 INTERSIL-80C88_04 Datasheet
620Kb / 32P
CMOS 8/16-Bit Microprocessor
November 2004
80C86 INTERSIL-80C86_06 Datasheet
804Kb / 37P
CMOS 16-Bit Microprocessor
August 22, 2006
80C86 INTERSIL-80C86 Datasheet
686Kb / 37P
CMOS 16-Bit Microprocessor
January 9, 2009
logo
Renesas Technology Corp
80C86 RENESAS-80C86 Datasheet
1Mb / 38P
CMOS 16-Bit Microprocessor
80C88 RENESAS-80C88 Datasheet
1Mb / 39P
CMOS 8-/16-Bit Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com