Electronic Components Datasheet Search
  English  ▼

X  

IP80C88 Datasheet(PDF) 25 Page - Intersil Corporation

Part # IP80C88
Description  CMOS 8-/16-Bit Microprocessor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IP80C88 Datasheet(HTML) 25 Page - Intersil Corporation

Back Button IP80C88 Datasheet HTML 21Page - Intersil Corporation IP80C88 Datasheet HTML 22Page - Intersil Corporation IP80C88 Datasheet HTML 23Page - Intersil Corporation IP80C88 Datasheet HTML 24Page - Intersil Corporation IP80C88 Datasheet HTML 25Page - Intersil Corporation IP80C88 Datasheet HTML 26Page - Intersil Corporation IP80C88 Datasheet HTML 27Page - Intersil Corporation IP80C88 Datasheet HTML 28Page - Intersil Corporation IP80C88 Datasheet HTML 29Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
25
FN2949.4
February 22, 2008
FIGURE 13. REQUEST/GRANT SEQUENCE TIMING (MAXIMUM MODE ONLY)
NOTE: The coprocessor may not drive the busses outside the region shown without risking contention.
FIGURE 14. HOLD/HOLD ACKNOWLEDGE TIMING (MINIMUM MODE ONLY)
NOTE:
Setup requirements for asynchronous signals only to guarantee recognition at next CLK.
FIGURE 15. ASYNCHRONOUS SIGNAL RECOGNITION
NOTE:
Setup requirements for asynchronous signals only to
guarantee recognition at next CLK.
FIGURE 16. BUS LOCK SIGNAL TIMING (MAXIMUM MODE
ONLY)
Waveforms (Continued)
CLK
TCLGH
RQ/GT
PREVIOUS GRANT
AD7-AD0
RD, LOCK
A19/S6-A16/S3
S2, S1, S0
TCLCL
ANY
CLK
CYCLE
> 0-CLK
CYCLES
PULSE 2
80C88
TGVCH (14)
TCHGX (15)
TCLGH (44)
PULSE 1
COPROCESSOR
RQ
TCLAZ (25)
80C88 GT
PULSE 3
COPROCESSOR
RELEASE
(SEE NOTE)
TCHSZ (26)
(1)
TCLGL
(43)
COPROCESSOR
TCHSV (21)
(44)
CLK
HOLD
HLDA
A15-A8
A19/S6-A16/S3
RD, WR, I/O/M, DT/R, DEN, SSO
80C88
THVCH (13)
TCLHAV (36)
≥ 1CL
1 OR 2
CYCLES
TCLAZ (19)
COPROCESSOR
80C88
TCLHAV (36)
CYCLE
TCHSZ (20)
THVCH (13)
TCHSV (21)
(SEE NOTE)
AD7-AD0
NMI
INTR
TEST
CLK
SIGNAL
TINVCH (SEE NOTE)
(13)
ANY CLK CYCLE
CLK
LOCK
TCLAV
ANY CLK CYCLE
(23)
TCLAV
(23)
80C88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com