Electronic Components Datasheet Search
  English  ▼

X  

IP80C88 Datasheet(PDF) 13 Page - Intersil Corporation

Part # IP80C88
Description  CMOS 8-/16-Bit Microprocessor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IP80C88 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button IP80C88 Datasheet HTML 9Page - Intersil Corporation IP80C88 Datasheet HTML 10Page - Intersil Corporation IP80C88 Datasheet HTML 11Page - Intersil Corporation IP80C88 Datasheet HTML 12Page - Intersil Corporation IP80C88 Datasheet HTML 13Page - Intersil Corporation IP80C88 Datasheet HTML 14Page - Intersil Corporation IP80C88 Datasheet HTML 15Page - Intersil Corporation IP80C88 Datasheet HTML 16Page - Intersil Corporation IP80C88 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
13
FN2949.4
February 22, 2008
To be responded to, INTR must be present (HIGH) during
the clock period preceding the end of the current instruction
or the end of a whole move for a block type instruction. INTR
may be removed anytime after the falling edge of the first
INTA signal. During interrupt response sequence, further
interrupts are disabled. The enable bit is reset as part of the
response to any interrupt (INTR, NMI, software interrupt, or
single step). The FLAGS register, which is automatically
pushed onto the stack, reflects the state of the processor
prior to the interrupt. The enable bit will be zero until the old
FLAGS register is restored, unless specifically set by an
instruction.
During the response sequence (see Figure 7), the processor
executes two successive (back-to-back) interrupt
acknowledge cycles. The 80C88 emits to LOCK signal
(maximum mode only) from T2 of the first bus cycle until T2
of the second. A local bus “hold” request will not be honored
until the end of the second bus cycle. In the second bus
cycle, a byte is fetched from the external interrupt system
(e.g., 82C59A PIC) which identifies the source (type) of the
interrupt. This byte is multiplied by four and used as a
pointer into the interrupt vector lookup table.
An INTR signal left HIGH will be continually responded to
within the limitations of the enable bit and sample period.
INTR may be removed anytime after the falling edge of the
first INTA signal. The interrupt return instruction includes a
flags pop which returns the status of the original interrupt
enable bit when it restores the flags.
Halt
When a software HALT instruction is executed, the
processor indicates that it is entering the HALT state in one
of two ways, depending upon which mode is strapped. In
minimum mode, the processor issues ALE, delayed by one
clock cycle, to allow the system to latch the halt status. Halt
status is available on IO/M, DT/R, and SS0. In maximum
mode, the processor issues appropriate HALT status on S2,
S1 and S0, and the 82C88 bus controller issues one ALE.
The 80C88 will not leave the HALT state when a local bus
hold is entered while in HALT. In this case, the processor
reissues the HALT indicator at the end of the local bus hold.
An interrupt request or RESET will force the 80C88 out of
the HALT state.
Read/Modify/Write (Semaphore) Operations Via
LOCK
The LOCK status information is provided by the processor
when consecutive bus cycles are required during the
execution of an instruction. This allows the processor to
perform read/modify/write operations on memory (via the
“exchange register with memory” instruction), without
another system bus master receiving intervening memory
cycles. This is useful in multiprocessor system
configurations to accomplish “test and set lock” operations.
The LOCK signal is activated (LOW) in the clock cycle
following decoding of the LOCK prefix instruction. It is
deactivated at the end of the last bus cycle of the instruction
following the LOCK prefix. While LOCK is active, a request
on a RQ/GT pin will be recorded, and then honored at the
end of the LOCK.
External Synchronization Via TEST
As an alternative to interrupts, the 80C88 provides a single
software-testable input pin (TEST). This input is utilized by
executing a WAIT instruction. The single WAIT instruction is
repeatedly executed until the TEST input goes active (LOW).
The execution of WAIT does not consume bus cycles once
the queue is full.
If a local bus request occurs during WAIT execution, the
80C88 three-states all output drivers while inputs and I/O
pins are held at valid logic levels by internal bus-hold
circuits. If interrupts are enabled, the 80C88 will recognize
interrupts and process them when it regains control of the
bus.
Basic System Timing
In minimum mode, the MN/MX pin is strapped to VCC and
the processor emits bus control signals (RD, WR, IO/M, etc.)
directly. In maximum mode, the MN/MX pin is strapped to
GND and the processor emits coded status information
which the 82C88 bus controller uses to generate
MULTIBUS
™ compatible bus control signals.
System Timing - Minimum System
The read cycle begins in T1 with the assertion of the address
latch enable (ALE) signal (see Figure 5). The trailing (low
going) edge of this signal is used to latch the address
information, which is valid on the address data bus (ADO-
AD7) at this time, into the 82C82/82C83 latch. Address lines
A8 through A15 do not need to be latched because they
remain valid throughout the bus cycle. From T1 to T4 the
IO/M signal indicates a memory or I/O operation. At T2 the
address is removed from the address data bus and the bus
is held at the last valid logic state by internal bus-hold
devices. The read control signal is also asserted at T2. The
read (RD) signal causes the addressed device to enable its
data bus drivers to the local bus. Some time later, valid data
FIGURE 7. INTERRUPT ACKNOWLEDGE SEQUENCE
ALE
LOCK
INTA
AD0-
TYPE
AD7
T1
T2
T3
T4
T1
T2
T3
T4
VECTOR
80C88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com