Electronic Components Datasheet Search
  English  ▼

X  

IP80C88 Datasheet(PDF) 23 Page - Intersil Corporation

Part # IP80C88
Description  CMOS 8-/16-Bit Microprocessor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IP80C88 Datasheet(HTML) 23 Page - Intersil Corporation

Back Button IP80C88 Datasheet HTML 19Page - Intersil Corporation IP80C88 Datasheet HTML 20Page - Intersil Corporation IP80C88 Datasheet HTML 21Page - Intersil Corporation IP80C88 Datasheet HTML 22Page - Intersil Corporation IP80C88 Datasheet HTML 23Page - Intersil Corporation IP80C88 Datasheet HTML 24Page - Intersil Corporation IP80C88 Datasheet HTML 25Page - Intersil Corporation IP80C88 Datasheet HTML 26Page - Intersil Corporation IP80C88 Datasheet HTML 27Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
23
FN2949.4
February 22, 2008
Waveforms
FIGURE 11. BUS TIMING - MAXIMUM MODE (USING 82C88)
NOTES:
8. RDY is sampled near the end of T2, T3, TW to determine if TW machine states are to be inserted.
9. Signals at 82C84A or 82C88 are shown for reference only.
10. Status inactive in state just prior to T4.
11. The issuance of the 82C88 command and control signals (MRDC, MWTC, AMWC, IORC, IOWC, AIOWC, INTA, and DEN) lags the active high
82C88 CEN.
T1
T2
T3
T4
TCLCL
TCH1CH2
TCL2CL1 TW
TCHCL (3)
(21) TCHSV
(SEE NOTE 20)
TCLDV
TCLAX
(23) TCLAV
TCLAV
A19-A16
TSVLH
TCLLH
TR1VCL
TCHLL
TCLR1X
TCLAV
TDVCL
TCLDX1
TCLAX
AD7-AD0
DATA IN
TRYHSH
(39) TCLRH
TRHAV
(41) TCHDTL
TCLRL
TRLRH
TCHDTH
(37) TAZRL
TCLML
TCLMH
(35) TCVNV
TCVNX
CLK
QS0, QS1
S2, S1, S0 (EXCEPT HALT)
A19/S6-A16/S3
ALE (82C88 OUTPUT)
RDY (82C84 INPUT)
NOTES 18, 19
READY 80C86 INPUT)
READ CYCLE
82C88
OUTPUTS
SEE NOTES 19, 21
MRDC OR IORC
DEN
S6-S3
AD7-AD0
RD
DT/R
TCLAV
(1)
(4)
(23)
TCLCH
(2)
TCLSH
(22)
(24)
(23)
(27)
(29)
(31)
(8)
(9)
TCHRYX
(11)
(20)
(12) TRYLCL
(24)
TRYHCH
(10)
(6)
(7)
(23)
(40)
(42)
(45)
(38)
(18)
(19)
(36)
(33)
TCLAZ
(25)
(5)
A15-A8
A15-A8
80C88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com