Electronic Components Datasheet Search
  English  ▼

X  

IP80C88 Datasheet(PDF) 18 Page - Intersil Corporation

Part # IP80C88
Description  CMOS 8-/16-Bit Microprocessor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IP80C88 Datasheet(HTML) 18 Page - Intersil Corporation

Back Button IP80C88 Datasheet HTML 14Page - Intersil Corporation IP80C88 Datasheet HTML 15Page - Intersil Corporation IP80C88 Datasheet HTML 16Page - Intersil Corporation IP80C88 Datasheet HTML 17Page - Intersil Corporation IP80C88 Datasheet HTML 18Page - Intersil Corporation IP80C88 Datasheet HTML 19Page - Intersil Corporation IP80C88 Datasheet HTML 20Page - Intersil Corporation IP80C88 Datasheet HTML 21Page - Intersil Corporation IP80C88 Datasheet HTML 22Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
18
FN2949.4
February 22, 2008
(33)
TCLRL
RD Active Delay
CL = 100pF
10
165
10
100
ns
(34)
TCLRH
RD Inactive Delay
CL = 100pF
10
150
10
80
ns
(35)
TRHAV
RD Inactive to Next Address
Active
CL = 100pF
TCLCL-45
-
TCLCL-40
-
ns
(36)
TCLHAV
HLDA Valid Delay
CL = 100pF
10
160
10
100
ns
(37)
TRLRH
RD Width
CL = 100pF
2TCLCL-75
-
2TCLCL-50
-
ns
(38)
TWLWH
WR Width
CL = 100pF
2TCLCL-60
-
2TCLCL-40
-
ns
(39)
TAVAL
Address Valid to ALE Low
CL = 100pF
TCLCH-60
-
TCLCH-40
-
ns
(40)
TOLOH
Output Rise Time
From 0.8V to 2.0V
-
15
-
15
ns
(41)
TOHOL
Output Fall Time
From 2.0V to 0.8V
-
15
-
15
ns
NOTES:
6. Signal at 82C84A shown for reference only.
7. Setup requirement for asynchronous signal only to guarantee recognition at next CLK.
8. Applies only to T2 state (8ns into T3).
AC Electrical Specifications
VCC = 5.0V ±10%; TA = 0°C to +70°C (C80C88, C80C88-2)
VCC = 5.0V ±10%; TA = -40°C to +85°C (I80C88, I80C88-2)
VCC = 5.0V ±10%; TA = -55° to +125°C (M80C88) (Continued)
SYMBOL
PARAMETER
TEST
CONDITIONS
80C88
80C88-2
UNITS
MIN
MAX
MIN
MAX
80C88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com