Electronic Components Datasheet Search
  English  ▼

X  

TRF2001P Datasheet(PDF) 16 Page - Texas Instruments

Part # TRF2001P
Description  TRF2001P 820-1054MHz ISM Band Multiprotocol and Wi-SUN RF FEM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TRF2001P Datasheet(HTML) 16 Page - Texas Instruments

Back Button TRF2001P Datasheet HTML 12Page - Texas Instruments TRF2001P Datasheet HTML 13Page - Texas Instruments TRF2001P Datasheet HTML 14Page - Texas Instruments TRF2001P Datasheet HTML 15Page - Texas Instruments TRF2001P Datasheet HTML 16Page - Texas Instruments TRF2001P Datasheet HTML 17Page - Texas Instruments TRF2001P Datasheet HTML 18Page - Texas Instruments TRF2001P Datasheet HTML 19Page - Texas Instruments TRF2001P Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
6 Detailed Description
6.1 Overview
The TRF2001P is a high-performance RF front-end module (FEM) designed to be paired with wireless
microcontroller (MCU) and system-on-chip (SoC) ICs for applications primarily supporting various sub-1GHz ISM
bands. The device improves the link budget by increasing the system's TX power well beyond the capabilities of
the wireless MCUs and SoCs with the integrated PA and improving the RX sensitivity with the integrated LNA.
A key limitation of most wireless SoCs designed for the sub-1GHz ISM band is that the transmit (TX) output
power is typically limited to about 16dBm, with very few supporting up to 22dBm. When these SoCs are
used at TX powers greater than 10dBm, the spurious-free dynamic range (SFDR) often deteriorates. The
increased spurious levels require additional filtering and metal shielding in many cases, to comply with regulatory
requirements such as those set by the FCC and ETSI standards. The TRF2001P allows the SoCs to operate
at lower output power levels by providing additional RF gain and high TX output power capability that exceed
27dBm, thus reducing the SoC's spurious levels, and often eliminating the need for additional filtering and
shielding.
With integrated, fully matched 50Ω RF interfaces, the TRF2001P simplifies interface design to the antenna and
the wireless SoCs. The digital control logic pins (CEN, CTR, and CIB) of the device are used to configure the
device in TX, RX, or device powered down mode, and are compatible with CMOS levels of 1.6V to 3.3V.
The TRF2001P operates over a wide single supply voltage range of 3.1V to 4.25V and achieves 27.5dBm PSAT
on 3.3V supply. The device is available in a space-saving 4.5mm × 4.5mm, 28-pin, WQFN-FCRLF package.
6.2 Functional Block Diagram
TRF2001P Front-End Module
PA
Output
Matching
Input
Matching
Digital Controls
Output
Matching
Input
Matching
LNA
Power
Detector
PA_IN
LNA_OUT
CEN CTR CIB
LNA_IN RX_FLT
ANT
VDET
VCC_PA
VCC
ANT
Switch
6.3 Feature Description
Besides the PA, LNA, and the ANT switch, the TRF2001P integrates additional functions such as a harmonic
rejection filter and a power detector in a small 4.5mm × 4.5mm package.
The integrated harmonic rejection filter either eliminates the need for an external filter to the antenna or notably
relaxes the rejection requirements of the external filter if the system requires one. The TRF2001P inherently
achieves second order harmonic rejection below –55dBc at PO = 27dBm without any external filtering. The
integrated power detector provides analog voltage output corresponding to the output power as shown in Figure
5-6 and has a very stable response across temperature and supply voltage.
6.4 Device Functional Modes
The TRF2001P three functional modes: Transmit (TX), Receive (RX), and power down mode. The operating
mode of the device is set using the digital control pins, CEN, CTR, and CIB as shown in Section 5.7. In the TX
mode the PA path is enabled by connecting the ANT switch to the PA output path. In the RX mode, the ANT
switch connects to the RX_FLT pin. Connect an optional RX filter between RX_FLT and LNA_IN pins to reject
out-of-band signals or short the RX_FLT pin to LNA_IN pin to engage the LNA in the receive path.
TRF2001P
SLOSEA9 – DECEMBER 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TRF2001P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com