Electronic Components Datasheet Search
  English  ▼

X  

TRF2001P Datasheet(PDF) 3 Page - Texas Instruments

Part # TRF2001P
Description  TRF2001P 820-1054MHz ISM Band Multiprotocol and Wi-SUN RF FEM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TRF2001P Datasheet(HTML) 3 Page - Texas Instruments

  TRF2001P Datasheet HTML 1Page - Texas Instruments TRF2001P Datasheet HTML 2Page - Texas Instruments TRF2001P Datasheet HTML 3Page - Texas Instruments TRF2001P Datasheet HTML 4Page - Texas Instruments TRF2001P Datasheet HTML 5Page - Texas Instruments TRF2001P Datasheet HTML 6Page - Texas Instruments TRF2001P Datasheet HTML 7Page - Texas Instruments TRF2001P Datasheet HTML 8Page - Texas Instruments TRF2001P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
4 Pin Configuration and Functions
1
CEN
21
GND
2
GND
20
GND
3
LNA_OUT
19
GND
4
GND
18
GND
5
PA_IN
17
ANT
6
GND
16
GND
7
CIB
15
GND
Not to scale
Thermal
Pad
Figure 4-1. VBA Package, 28-Pin WQFN-FCRLF (Top View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
ANT
17
I/O
Antenna port.
CEN
1
D
Chip enable digital control logic.
CIB
7
D
Internal bias digital control logic.
CTR
8
D
Transmit and receive path select digital control logic.
GND
2, 4, 6, 9, 11, 14,
15, 16, 18, 19,
20, 21, 22, 23,
24, 27
–
RF ground.
LNA_IN
10
I
LNA input. Short to RX_FLT if a receive filter is not required.
PA_IN
5
I
PA input.
RX_FLT
12
O
Receive signal from ANT pin. Typically RX filter connected between RX_FLT and LNA_IN.
LNA_OUT
3
O
LNA output.
VCC
28
P
LNA and digital control logic supply voltage.
VCC_PA
25, 26
P
PA supply voltage.
VDET
13
O
Power detector voltage output.
Thermal
Pad
Pad
–
Thermal pad and serves as ground reference. Connect to heat-dissipating ground plane on the
board.
(1)
I = analog input, O = analog output, D = digital control logic, P = power,
www.ti.com
TRF2001P
SLOSEA9 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TRF2001P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com