Electronic Components Datasheet Search
  English  ▼

X  

TRF2001P Datasheet(PDF) 26 Page - Texas Instruments

Part # TRF2001P
Description  TRF2001P 820-1054MHz ISM Band Multiprotocol and Wi-SUN RF FEM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TRF2001P Datasheet(HTML) 26 Page - Texas Instruments

Back Button TRF2001P Datasheet HTML 20Page - Texas Instruments TRF2001P Datasheet HTML 21Page - Texas Instruments TRF2001P Datasheet HTML 22Page - Texas Instruments TRF2001P Datasheet HTML 23Page - Texas Instruments TRF2001P Datasheet HTML 24Page - Texas Instruments TRF2001P Datasheet HTML 25Page - Texas Instruments TRF2001P Datasheet HTML 26Page - Texas Instruments TRF2001P Datasheet HTML 27Page - Texas Instruments TRF2001P Datasheet HTML 28Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
24X (0.5)
(R0.05) TYP
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
28X (0.7)
28X (0.25)
(4.2)
(4.2)
(3.1)
(1.446)
(
0.2) TYP
VIA
(0.827)
2X (1.3)
2X (0.473)
WQFN-FCRLF - 0.7 mm max height
VBA0028A
PLASTIC QUAD FLATPACK - NO LEAD
4229740/A 06/2021
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
PKG
PKG
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 20X
SEE SOLDER MASK
DETAIL
1
7
8
14
15
21
22
28
29
METAL EDGE
SOLDER MASK
OPENING
EXPOSED METAL
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED
METAL
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DEFINED
SOLDER MASK DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com