Electronic Components Datasheet Search
  English  ▼

X  

TRF2001P Datasheet(PDF) 6 Page - Texas Instruments

Part # TRF2001P
Description  TRF2001P 820-1054MHz ISM Band Multiprotocol and Wi-SUN RF FEM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TRF2001P Datasheet(HTML) 6 Page - Texas Instruments

Back Button TRF2001P Datasheet HTML 2Page - Texas Instruments TRF2001P Datasheet HTML 3Page - Texas Instruments TRF2001P Datasheet HTML 4Page - Texas Instruments TRF2001P Datasheet HTML 5Page - Texas Instruments TRF2001P Datasheet HTML 6Page - Texas Instruments TRF2001P Datasheet HTML 7Page - Texas Instruments TRF2001P Datasheet HTML 8Page - Texas Instruments TRF2001P Datasheet HTML 9Page - Texas Instruments TRF2001P Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
at TA = 25°C, VCC_PA = 3.3V, VCC = 3.3V, f = 915MHz, RX_FLT shorted to LNA_IN, RF transmit specification from PA_IN to
ANT pin, RF receive specifications from ANT to LNA_OUT pin, 50Ω source and load at input and output RF pins respectively,
measured on EVM and de-embedded up to the device pins (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RF RECEIVE
Frequency range
820
1054
MHz
Receive small signal gain
PIN = –27dBm, f = 867MHz to 928MHz
16
dB
NF
Noise figure
f = 867MHz
3.0
dB
f = 915MHz
3.2
LNA_IN to LNA_OUT,
f = 867MHz to 928MHz
1.3
ANT to RX_FLT insertion loss
PIN = –27dBm
1.5
dB
IIP3
Input 3rd order compression point
PIN = –27dBm
f = 867MHz
–5.2
dBm
f = 902MHz to 928MHz
–6.0
IP1dB
Input 1dB compression point
f = 867MHz
−7.6
dBm
f = 902MHz to 928MHz
−6.7
Input return loss at ANT
PIN = –27dBm
f = 867MHz
16
dB
f = 915MHz
12
dB
Output return loss at LNA_OUT
PIN = –27dBm
f = 867MHz
18
dB
f = 915MHz
16
dB
TRF2001P
SLOSEA9 – DECEMBER 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TRF2001P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com