Electronic Components Datasheet Search
  English  ▼

X  

TRF2001P Datasheet(PDF) 10 Page - Texas Instruments

Part # TRF2001P
Description  TRF2001P 820-1054MHz ISM Band Multiprotocol and Wi-SUN RF FEM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TRF2001P Datasheet(HTML) 10 Page - Texas Instruments

Back Button TRF2001P Datasheet HTML 6Page - Texas Instruments TRF2001P Datasheet HTML 7Page - Texas Instruments TRF2001P Datasheet HTML 8Page - Texas Instruments TRF2001P Datasheet HTML 9Page - Texas Instruments TRF2001P Datasheet HTML 10Page - Texas Instruments TRF2001P Datasheet HTML 11Page - Texas Instruments TRF2001P Datasheet HTML 12Page - Texas Instruments TRF2001P Datasheet HTML 13Page - Texas Instruments TRF2001P Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
5.8 Typical Characteristics - Transmit (continued)
at TA = 25℃, VCC_PA = VCC = 3.3V, input = PA_IN, output = ANT, RX_FLT shorted to LNA_IN, 50Ω source and load at
input and output RF pins respectively, and de-embedded up to the device pins, frequency and ambient temperatures shown
(unless otherwise noted)
PIN (dBm)
-26
-22
-18
-14
-10
-6
-2
2
6
10
14
15
0
16
2
17
4
18
6
19
8
20
10
21
12
22
14
23
16
24
18
25
20
26
22
27
24
28
26
29
28
30
30
GP, 3.1V
GP, 3.3V
GP, 3.6V
PO, 3.1V
PO, 3.3V
PO, 3.6V
f = 902MHz, VCC_PA as shown, VCC = VCC_PA
Figure 5-13. Gain and PO vs PIN Across Supply Voltage
PIN (dBm)
-26
-22
-18
-14
-10
-6
-2
2
6
10
14
15
0
16
2
17
4
18
6
19
8
20
10
21
12
22
14
23
16
24
18
25
20
26
22
27
24
28
26
29
28
30
30
GP, −40C
GP, 25C
GP, 85C
PO, −40C
PO, 25C
PO, 85C
f = 902MHz
Figure 5-14. Gain and PO vs PIN Across Temperature
PIN (dBm)
-26
-22
-18
-14
-10
-6
-2
2
6
10
14
0
40
5
80
10
120
15
160
20
200
25
240
30
280
35
320
40
360
45
400
PAE, 3.1V
PAE, 3.3V
PAE, 3.6V
ICC_PA, 3.1V
ICC_PA, 3.3V
ICC_PA, 3.6V
f = 902MHz, VCC = VCC_PA
Figure 5-15. PAE and Supply Current vs PIN Across Supply
Voltage
PIN (dBm)
-26
-22
-18
-14
-10
-6
-2
2
6
10
14
0
40
5
80
10
120
15
160
20
200
25
240
30
280
35
320
40
360
45
400
PAE, −40
C
PAE, 25
C
PAE, 85
C
ICC_PA, −40C
ICC_PA, 25C
ICC_PA, 85C
f = 902MHz
Figure 5-16. PAE and Supply Current vs PIN Across
Temperature
PIN (dBm)
-26
-22
-18
-14
-10
-6
-2
2
6
10
14
0
40
5
80
10
120
15
160
20
200
25
240
30
280
35
320
40
360
45
400
50
440
PAE
PO
ICC
ICC_PA
f = 902MHz
Figure 5-17. PAE, PO, and Supply Current vs PIN
PO (dBm)
10
12
14
16
18
20
22
24
26
28
30
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
3.6V, −40
C
3.6V, 25
C
3.6V, 85
C
3.1V, −40
C
3.1V, 25
C
3.1V, 85
C
f = 902MHz, VCC_PA as shown, VCC = VCC_PA
Figure 5-18. VDET vs PO Across Supply Voltage and
Temperature
TRF2001P
SLOSEA9 – DECEMBER 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TRF2001P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com