Electronic Components Datasheet Search
  English  ▼

X  

HM628512LP-7SL Datasheet(PDF) 1 Page - Hitachi Metals, Ltd

Part # HM628512LP-7SL
Description  524288-word x 8-bit High Speed CMOS Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

HM628512LP-7SL Datasheet(HTML) 1 Page - Hitachi Metals, Ltd

  HM628512LP-7SL Datasheet HTML 1Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 2Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 3Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 4Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 5Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 6Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 7Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 8Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 9Page - Hitachi Metals, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
HM628512 Series
524288-word
× 8-bit High Speed CMOS Static RAM
ADE-203-236F (Z)
Rev. 6.0
Jun. 9, 1995
Description
The Hitachi HM628512 is a 4-Mbit static RAM organized 512-kword
× 8-bit. It realizes igher density, higher
performance and low power consumption by employing 0.5
µm Hi-CMOS process technology. The device,
packaged in a 525-mil SOP (foot print pitch width) or 400-mil TSOP TYPE II or 600-mil plastic DIP, is
available for high density mounting. LP-version is suitable for battery backup system.
Features
• High speed: Fast access time:
 55/65/70 ns (max)
• Low power
 Standby: 10 µW (typ) (L/L-SL version)
 Operation: 75 mW (typ) (f = 1 MHz)
• Single 5 V supply
• Completely static memory
No clock or timing strobe required
• Equal access and cycle times
• Common data input and output: Three state output
• Directly TTL compatible: All inputs and outputs
• Capability of battery backup operation (L/L-SL version)


Similar Part No. - HM628512LP-7SL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628512 HITACHI-HM628512 Datasheet
85Kb / 18P
4 M SRAM (512-kword x 8-bit)
HM628512A HITACHI-HM628512A Datasheet
552Kb / 18P
4M SRAM (512 KWORD X 8 BIT)
HM628512AI HITACHI-HM628512AI Datasheet
509Kb / 17P
524288-word x 8-bit High Speed CMOS Static RAM
HM628512ALFP-5 HITACHI-HM628512ALFP-5 Datasheet
552Kb / 18P
4M SRAM (512 KWORD X 8 BIT)
HM628512ALFP-5SL HITACHI-HM628512ALFP-5SL Datasheet
552Kb / 18P
4M SRAM (512 KWORD X 8 BIT)
More results

Similar Description - HM628512LP-7SL

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M54R08AJ-10 MITSUBISHI-M5M54R08AJ-10 Datasheet
45Kb / 6P
4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M54R08J-12 MITSUBISHI-M5M54R08J-12 Datasheet
57Kb / 6P
4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V408BFP MITSUBISHI-M5M5V408BFP Datasheet
162Kb / 14P
4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V4R08J-12 MITSUBISHI-M5M5V4R08J-12 Datasheet
56Kb / 12P
4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
logo
Sony Corporation
CXK58512TM SONY-CXK58512TM Datasheet
210Kb / 12P
65536-word X 8-bit High Speed CMOS Static RAM
logo
Hitachi Semiconductor
HM628512AI HITACHI-HM628512AI Datasheet
509Kb / 17P
524288-word x 8-bit High Speed CMOS Static RAM
logo
Mitsubishi Electric Sem...
M5M5V408BFP-85L MITSUBISHI-M5M5V408BFP-85L Datasheet
171Kb / 14P
4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5408BFP MITSUBISHI-M5M5408BFP Datasheet
56Kb / 10P
4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V408BFP RENESAS-M5M5V408BFP Datasheet
151Kb / 10P
4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5408BFP RENESAS-M5M5408BFP Datasheet
143Kb / 10P
4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com