Electronic Components Datasheet Search
  English  ▼

X  

HM628512LP-7SL Datasheet(PDF) 6 Page - Hitachi Metals, Ltd

Part # HM628512LP-7SL
Description  524288-word x 8-bit High Speed CMOS Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

HM628512LP-7SL Datasheet(HTML) 6 Page - Hitachi Metals, Ltd

Back Button HM628512LP-7SL Datasheet HTML 2Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 3Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 4Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 5Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 6Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 7Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 8Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 9Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 10Page - Hitachi Metals, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
HM628512 Series
6
DC Characteristics (Ta = 0 to +70
°C, V
CC = 5 V ±10% , VSS = 0 V)
Parameter
Symbol Min Typ
*1
Max
Unit
Test Conditions
Input leakage current
|I
LI|—
—
1
µA
Vin = V
SS to V CC
Output leakage current
|I
LO|—
—
1
µA
CS = V
IH or OE = VIH or
WE = V
IL, VI/O = VSS to V CC
Operating power supply current: DC
I
CC READ
—15
25
mA
CS = V
IL, WE = VIH
others = V
IH/V IL, II/O = 0 mA
I
CC WRITE
—20
45
mA
CS = V
IL, WE = VIL
others = V
IH/V IL, II/O = 0 mA
Operating power supply current
-5/7A I
CC1
—
70
100
mA
Min cycle, duty = 100%
-7
I
CC1
—60
90
mA
CS = V
IL, others = VIH/V IL
I
I/O = 0 mA
Operating power supply current
I
CC2
—
15
30
mA
Cycle time = 1
µs,
duty = 100%
I
I/O = 0 mA, CS ≤ 0.2 V
V
IH ≥ V CC – 0.2 V, VIL ≤ 0.2
V
Standby power supply current: DC
I
SB
—1
3
mA
CS = V
IH
Standby power supply current (1): DC
I
SB1
—
0.02
2
mA
Vin
≥ 0 V, CS ≥ V
CC – 0.2 V
—
2
100
*2
µA
—2
50
*3
µA
Output low voltage
V
OL
—
—
0.4
V
I
OL = 2.1 mA
Output high voltage
V
OH
2.4
—
—
V
I
OH = –1.0 mA
Notes: 1. Typical values are at V
CC = 5.0 V, Ta = +25°C and specified loading, and not guaranteed.
2. This characteristics is guaranteed only for L version.
3. This characteristics is guaranteed only for L-SL version.
Capacitance (Ta = 25
°C, f = 1 MHz)
Parameter
Symbol
Typ
Max
Unit
Test Conditions
Input capacitance
*1
Cin
—
8
pF
Vin = 0 V
Input/output capacitance
*1
C
I/O
—10
pF
V
I/O = 0 V
Note:
1. This parameter is sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com