Electronic Components Datasheet Search
  English  ▼

X  

HM628512LP-7SL Datasheet(PDF) 5 Page - Hitachi Metals, Ltd

Part # HM628512LP-7SL
Description  524288-word x 8-bit High Speed CMOS Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

HM628512LP-7SL Datasheet(HTML) 5 Page - Hitachi Metals, Ltd

  HM628512LP-7SL Datasheet HTML 1Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 2Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 3Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 4Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 5Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 6Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 7Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 8Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 9Page - Hitachi Metals, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
HM628512 Series
5
Function Table
WE
CS
OE
Mode
V
CC Current
Dout Pin
Ref. Cycle
X
H
X
Not selected
I
SB, I SB1
High-Z
—
H
L
H
Output disable
I
CC
High-Z
—
H
L
L
Read
I
CC
Dout
Read cycle
L
L
H
Write
I
CC
Din
Write cycle (1)
L
L
L
Write
I
CC
Din
Write cycle (2)
Note:
X: H or L
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Voltage on any pin relative to V
SS
*1
V
T
–0.5
*2 to +7.0
V
Power dissipation
P
T
1.0
W
Operating temperature
Topr
0 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Storage temperature under bias
Tbias
–10 to +85
°C
Notes: 1. Relative to V
SS.
2. –3.0 V for pulse half-width
≤ 30 ns
Recommended DC Operating Conditions (Ta = 0 to +70
°C)
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
V
CC
4.5
5.0
5.5
V
V
SS
00
0
V
Input high (logic 1) voltage
V
IH
2.2
—
6.0
V
Input low (logic 0) voltage
V
IL
–0.3
*1
—
0.8
V
Note:
1. –3.0 V for pulse half-width
≤ 30 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com