Electronic Components Datasheet Search
  English  ▼

X  

HM628512LP-7SL Datasheet(PDF) 13 Page - Hitachi Metals, Ltd

Part # HM628512LP-7SL
Description  524288-word x 8-bit High Speed CMOS Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

HM628512LP-7SL Datasheet(HTML) 13 Page - Hitachi Metals, Ltd

Back Button HM628512LP-7SL Datasheet HTML 7Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 8Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 9Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 10Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 11Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 12Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 13Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 14Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 15Page - Hitachi Metals, Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
HM628512 Series
13
Package Dimensions
HM62851P/LP Series (DP-32)
Unit: mm
0.25
+ 0.11
– 0.05
2.54 ± 0.25
0.48 ± 0.10
0° – 15°
41.9
42.5 Max
1.2
15.24
32
17
1
16
2.3 Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com