Electronic Components Datasheet Search
  English  ▼

X  

HM628512LP-7SL Datasheet(PDF) 14 Page - Hitachi Metals, Ltd

Part # HM628512LP-7SL
Description  524288-word x 8-bit High Speed CMOS Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

HM628512LP-7SL Datasheet(HTML) 14 Page - Hitachi Metals, Ltd

Back Button HM628512LP-7SL Datasheet HTML 7Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 8Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 9Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 10Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 11Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 12Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 13Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 14Page - Hitachi Metals, Ltd HM628512LP-7SL Datasheet HTML 15Page - Hitachi Metals, Ltd  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
HM628512 Series
14
HM628512FP/LFP Series (FP-32D)
Unit: mm
0.15
0 – 8 °
M
+ 0.10
– 0.05
0.40
20.45
1.0 Max
1.27
1.42
0.8
20.95 Max
32
17
1
16
14.14 ± 0.30
0.10
HM628512LTT Series (TTP-32D)
Unit: mm
1.27
0.21
M
0.40 ± 0.10
0.10
20.95
21.35 Max
17
16
32
1
0 – 5°
11.76 ± 0.2
0.50 ± 0.10
1.15 Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com