Electronic Components Datasheet Search
  English  ▼

X  

LTC4150 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC4150
Description  Current Sense Amplifier, Reference and Comparator with POR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4150 Datasheet(HTML) 4 Page - Analog Devices

  LTC4150 Datasheet HTML 1Page - Analog Devices LTC4150 Datasheet HTML 2Page - Analog Devices LTC4150 Datasheet HTML 3Page - Analog Devices LTC4150 Datasheet HTML 4Page - Analog Devices LTC4150 Datasheet HTML 5Page - Analog Devices LTC4150 Datasheet HTML 6Page - Analog Devices LTC4150 Datasheet HTML 7Page - Analog Devices LTC4150 Datasheet HTML 8Page - Analog Devices LTC4150 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT6118
4
6118f
For more information www.linear.com/LT6118
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 12V, VPULLUP = V+, VLE = 2.7V, RIN = 100Ω,
ROUT = R1 + R2 = 10k, gain = 100, RC = 25.5k, CL = CLC = 2pF, unless otherwise noted. (See Figure 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference and Comparator
VTH(R)
(Note 9)
Rising Input Threshold Voltage
V+ = 2.7V to 60V
l
395
400
405
mV
VHYS
VHYS = VTH(R) – VTH(F)
V+ = 2.7V to 60V
3
10
15
mV
Comparator Input Bias Current
VINC = 0V, V+ = 60V
l
–50
nA
VOL
Output Low Voltage
IOUTC = 500µA, V+ = 2.7V
l
60
150
220
mV
mV
High to Low Propagation Delay
5mV Overdrive
100mV Overdrive
3
0.5
µs
µs
Output Fall Time
0.08
µs
tRESET
Reset Time
0.5
µs
tRPW
Minimum LE Reset Pulse Width
l
2
µs
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Input and output pins have ESD diodes connected to ground. The
SENSEHI and SENSELO pins have additional current handling capability
specified as SENSEHI, SENSELO Input Current.
Note 3: The LT6118I is guaranteed to meet specified performance from
–40°C to 85°C. LT6118H is guaranteed to meet specified performance
from –40°C to 125°C.
Note 4: Supply current is specified with the comparator output high. When
the comparator output goes low the supply current will increase by 75µA
typically.
Note 5: The full-scale input sense voltage and the maximum output
current must be considered to achieve the specified performance.
Note 6: Supply voltage and input common mode voltage are varied while
amplifier input offset voltage is monitored.
Note 7: The specified gain error does not include the effect of external
resistors RIN and ROUT. Although gain error is only guaranteed between
12V and 60V, similar performance is expected for V+ < 12V, as well.
Note 8: Refer to SENSELO, SENSEHI Range in the Applications
Information section for more information.
Note 9: The input threshold voltage which causes the output voltage of the
comparator to transition from high to low is specified. The input voltage
which causes the comparator output to transition from low to high is
the magnitude of the difference between the specified threshold and the
hysteresis.
Supply Current vs Supply Voltage
Start-Up Supply Current
Input Offset Voltage
vs Temperature
SUPPLY VOLTAGE (V)
0
0
100
200
300
400
600
10
20
30
40
6118 G01
50
60
500
0V
V+
5V/DIV
0µA
IS
500µA/DIV
10µs/DIV
6118 G02
TEMPERATURE (°C)
–40
300
200
100
0
–200
–100
–300
80
6118 G03
–10
20
50
125
110
65
–25
5
35
95
5 TYPICAL UNITS
Performance characteristics taken at TA = 25°C,
V+ = 12V, VPULLUP = V+, VLE = 2.7V, RIN = 100Ω, ROUT = R1 + R2 = 10k, gain = 100, RC = 25.5k, CL = CLC = 2pF, unless otherwise noted.
(See Figure 2)
Typical perForMance characTerisTics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com