Electronic Components Datasheet Search
  English  ▼

X  

LTC4150 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC4150
Description  Current Sense Amplifier, Reference and Comparator with POR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4150 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC4150 Datasheet HTML 16Page - Analog Devices LTC4150 Datasheet HTML 17Page - Analog Devices LTC4150 Datasheet HTML 18Page - Analog Devices LTC4150 Datasheet HTML 19Page - Analog Devices LTC4150 Datasheet HTML 20Page - Analog Devices LTC4150 Datasheet HTML 21Page - Analog Devices LTC4150 Datasheet HTML 22Page - Analog Devices LTC4150 Datasheet HTML 23Page - Analog Devices LTC4150 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LT6118
20
6118f
For more information www.linear.com/LT6118
applicaTions inForMaTion
V+
V+
V–
INC
V–
4
VD
+
–
VOUTA
+
–
6118 F17
OUTA 6
7
5
V+
V+
SENSEHI
LT6118
RIN
RSENSE
ILOAD
VDD
VDD
SENSELO
OUTC
3
LE
2
1
8
400mV
REFERENCE
R3
R1
R2
VDD
Figure 17. Schottky Prevents Damage During Supply Reversal
Typical applicaTions
Electronic Fuse with Power-On Reset
SENSEHI SENSELO
OUTA
0.1
R10
100
LT6118
V–
TO LOAD
VOUT
9.53k
475
0.8A
OVERCURRENT
DETECTION
INC
V+
LE
6
1
5
4
OUTC
8
7
10k
100k
6.2V*
IRF9640
2
5V
3
VLE
6118 TA02
100k
2N7000
*CMH25234B
10µF
24.9k
12V
100nF
The electronic fuse can be reset either by pulling LE line
low or by cycling the power to the system. The circuit is
designed to have a 100µs power-on period. After power,
while LE is still below the threshold, the comparator is
kept transparent to allow for initial inrush current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com