Electronic Components Datasheet Search
  English  ▼

X  

LTC4150 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC4150
Description  Current Sense Amplifier, Reference and Comparator with POR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4150 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC4150 Datasheet HTML 16Page - Analog Devices LTC4150 Datasheet HTML 17Page - Analog Devices LTC4150 Datasheet HTML 18Page - Analog Devices LTC4150 Datasheet HTML 19Page - Analog Devices LTC4150 Datasheet HTML 20Page - Analog Devices LTC4150 Datasheet HTML 21Page - Analog Devices LTC4150 Datasheet HTML 22Page - Analog Devices LTC4150 Datasheet HTML 23Page - Analog Devices LTC4150 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LT6118
24
6118f
For more information www.linear.com/LT6118
LINEAR TECHNOLOGY CORPORATION 2014
LT 0414 • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LT6118
relaTeD parTs
Typical applicaTion
ADC Driving Application
PART NUMBER
DESCRIPTION
COMMENTS
LT1787
Bidirectional High Side Current Sense Amplifier
2.7V to 60V, 75µV Offset, 60µA Quiescent, 8V/V Gain
LTC4150
Coulomb Counter/Battery Gas Gauge
Indicates Charge Quantity and Polarity
LT6100
Gain-Selectable High Side Current Sense Amplifier
4.1V to 48V, Gain Settings: 10, 12.5, 20, 25, 40, 50V/V
LTC6101
High Voltage High Side Current Sense Amplifier
Up to 100V, Resistor Set Gain, 300µV Offset, SOT-23
LTC6102
Zero Drift High Side Current Sense Amplifier
Up to 100V, Resistor Set Gain, 10µV Offset, MSOP8/DFN
LTC6103
Dual High Side Current Sense Amplifier
4V to 60V, Resistor Set Gain, 2 Independent Amps, MSOP8
LTC6104
Bidirectional High Side Current Sense Amplifier
4V to 60V, Separate Gain Control for Each Direction, MSOP8
LT6105
Precision Rail-to-Rail Input Current Sense Amplifer
–0.3V to 44V Input Range, 300µV Offset, 1% Gain Error
LT6106
Low Cost High Side Current Sense Amplifier
2.7V to 36V, 250µV Offset, Resistor Set Gain, SOT-23
LT6107
High Temperature High Side Current Sense Amplifier
2.7V to 36V, –55°C to 150°C, Fully Tested: –55°C, 25°C, 150°C
LT6109
High Side Current Sense Amplifier with Reference and
Comparators with Shutdown
2.7V to 60V, 125µV, Resistor Set Gain, ±1.25% Threshold Error
LT6700
Dual Comparator with 400mV Reference
1.4V to 18V, 6.5µA Supply Current
LT6108
High Side Current Sense Amplifier with Reference and
Comparator with Shutdown
2.7V to 60V, 125µV, Resistor Set Gain, ±1.25% Threshold Error
LT6119
LT6109 without Shutdown and POR Capability
2.7V to 60V, 200µV, Resistor Set Gain, ±1.25% Threshold Error
SENSEHI SENSELO
OUTA
0.1
SENSE
LOW
SENSE
HIGH
LT6118
V–
OUT
8.66k
0.1µF
0.1µF
1.33k
INC
V+
LE
OUTC
6
1
5
4
8
7
2
3
VCC
VREF
VLE
6118 TA05
IN
VCC
10k
IN+
LTC2470
OVERCURRENT
COMP
TO
MCU
100
The low sampling current of the LTC2470 16-bit delta
sigma ADC is ideal for the LT6118.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com