Electronic Components Datasheet Search
  English  ▼

X  

LTC4150 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4150
Description  Current Sense Amplifier, Reference and Comparator with POR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4150 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4150 Datasheet HTML 7Page - Analog Devices LTC4150 Datasheet HTML 8Page - Analog Devices LTC4150 Datasheet HTML 9Page - Analog Devices LTC4150 Datasheet HTML 10Page - Analog Devices LTC4150 Datasheet HTML 11Page - Analog Devices LTC4150 Datasheet HTML 12Page - Analog Devices LTC4150 Datasheet HTML 13Page - Analog Devices LTC4150 Datasheet HTML 14Page - Analog Devices LTC4150 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT6118
11
6118f
For more information www.linear.com/LT6118
applicaTions inForMaTion
accurately represented by this sense amplifier is limited by
theinputoffset.Asanexample,theLT6118hasamaximum
input offset of 200µV. If the minimum current is 20mA, a
sense resistor of 10mΩ will set VSENSE to 200µV. This is
the same value as the input offset. A larger sense resis-
tor will reduce the error due to offset by increasing the
sense voltage for a given load current. Choosing a 50mΩ
RSENSE will maximize the dynamic range and provide a
system that has 100mV across the sense resistor at peak
load (2A), while input offset causes an error equivalent to
only 4mA of load current.
In the previous example, the peak dissipation in RSENSE
is 200mW. If a 5mΩ sense resistor is employed, then
the effective current error is 40mA, while the peak sense
voltage is reduced to 10mV at 2A, dissipating only 20mW.
The low offset and corresponding large dynamic range of
theLT6118makeitmoreflexiblethanothersolutionsinthis
respect.The200µVmaximumoffsetgives68dBofdynamic
range for a sense voltage that is limited to 500mV max.
Sense Resistor Connection
Kelvin connection of the SENSEHI and SENSELO inputs
to the sense resistor should be used in all but the lowest
power applications. Solder connections and PC board
interconnections that carry high currents can cause sig-
nificant error in measurement due to their relatively large
resistances.One10mm
×10mmsquaretraceof1ozcopper
is approximately 0.5mΩ. A 1mV error can be caused by as
little as 2A flowing through this small interconnect. This
will cause a 1% error for a full-scale VSENSE of 100mV.
A 10A load current in the same interconnect will cause
a 5% error for the same 100mV signal. By isolating the
sense traces from the high current paths, this error can
be reduced by orders of magnitude. A sense resistor with
integrated Kelvin sense terminals will give the best results.
Figure2illustratestherecommendedmethodforconnect-
ing the SENSEHI and SENSELO pins to the sense resistor.
Selection of External Input Gain Resistor, RIN
RIN should be chosen to allow the required speed and
resolution while limiting the output current to 1mA. The
maximumvalueforRINis1ktomaintaingoodloopstability.
For a given VSENSE, larger values of RIN will lower power
dissipation in the LT6118 due to the reduction in IOUTwhile
smaller values of RIN will result in faster response time
due to the increase in IOUT. If low sense currents must be
resolvedaccuratelyinasystemthathasaverywidedynamic
range, a smaller RIN may be used if the maximum IOUTA
current is limited in another way, such as with a Schottky
diode across RSENSE (Figure 3). This will reduce the high
currentmeasurementaccuracybylimitingtheresult,while
increasing the low current measurement resolution.
Figure 3. Shunt Diode Limits Maximum Input Voltage to Allow
Better Low Input Resolution Without Overranging
DSENSE
RSENSE
V+
LOAD
6118 F03
This approach can be helpful in cases where occasional
bursts of high currents can be ignored.
Care should be taken when designing the board layout for
RIN, especially for small RIN values. All trace and inter-
connect resistances will increase the effective RIN value,
causing a gain error.
The power dissipated in the sense resistor can create a
thermal gradient across a printed circuit board and con-
sequently a gain error if RIN and ROUT are placed such
that they operate at different temperatures. If significant
power is being dissipated in the sense resistor then care
should be taken to place RIN and ROUT such that the gain
error due to the thermal gradient is minimized.
Selection of External Output Gain Resistor, ROUT
The output resistor, ROUT, determines how the output cur-
rent is converted to voltage. VOUT is simply IOUTA • ROUT.
Typically, ROUT is a combination of resistors configured
as a resistor divider which has a voltage tap going to the
comparator input to set the comparator threshold.
In choosing an output resistor, the maximum output volt-
age must first be considered. If the subsequent circuit is a
buffer or ADC with limited input range, then ROUT must be
chosen so that IOUTA(MAX) • ROUT is less than the allowed
maximum input range of this circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com