Electronic Components Datasheet Search
  English  ▼

X  

LTC4150 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC4150
Description  Current Sense Amplifier, Reference and Comparator with POR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4150 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC4150 Datasheet HTML 9Page - Analog Devices LTC4150 Datasheet HTML 10Page - Analog Devices LTC4150 Datasheet HTML 11Page - Analog Devices LTC4150 Datasheet HTML 12Page - Analog Devices LTC4150 Datasheet HTML 13Page - Analog Devices LTC4150 Datasheet HTML 14Page - Analog Devices LTC4150 Datasheet HTML 15Page - Analog Devices LTC4150 Datasheet HTML 16Page - Analog Devices LTC4150 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT6118
13
6118f
For more information www.linear.com/LT6118
applicaTions inForMaTion
can be multiplied by the
θJA value, 163°C/W for the MS8
package or 64°C/W for the DFN, to find the maximum
expecteddietemperature.Properheatsinkingandthermal
relief should be used to ensure that the die temperature
does not exceed the maximum rating.
LE Pin
The LE pin is used to enable the comparator output latch.
When the LE pin is high, the output latch is enabled and the
comparator output will stay low once it is tripped. When
LE is low, the comparator output latch is disabled and
the comparator operates transparently. To continuously
operate the comparator transparently, the LE pin should
be grounded. Do not leave the LE pin floating.
Power-On Reset
During startup the state of the comparator output can-
not be guaranteed. To guarantee the correct state of the
comparator output on startup, a power-on reset (POR) is
required. A POR can be implemented by holding the LE pin
low until the LT6118 is in such a state that the compara-
tor output is stable. This can be achieved by using an RC
network between the LE, V+ and GND as shown in Figure 6.
When power is applied to the LT6118, the RC network
causes the voltage on the LE pin to remain below the VIL
(0.5V) threshold long enough for the comparator output
to settle into the correct state. The LE pin should remain
below 0.5V for at least 100µs after power up in order to
guarantee a valid comparator output. The RC value can
be determined with the following equation:
RC
=
t
ln
V+
V+ – 0.5V


; t
≥100µs
Figure 5. Gain Error vs Resistor Tolerance
RESISTOR TOLERANCE (%)
0.01
0.01
0.1
1
10
0.1
1
10
6118 F05
RIN = 100
RIN = 1k
of the maximum gain error which can be expected versus
the external resistor tolerance.
Output Current Limitations Due to Power Dissipation
The LT6118 can deliver a continuous current of 1mA to the
OUTA pin. This current flows through RIN and enters the
current sense amplifier via the SENSEHI pin. The power
dissipated in the LT6118 due to the output signal is:
POUT = (VSENSEHI – VOUTA) • IOUTA
Since VSENSEHI ≈ V+, POUTA ≈ (V+ – VOUTA) • IOUTA
There is also power dissipated due to the quiescent power
supply current:
PS = IS • V+
The comparator output current flows into the comparator
output pin and out of the V– pin. The power dissipated in
the LT6118 due to the comparator is often insignificant
and can be calculated as follows:
POUTC = (VOUTC – V–) • IOUTC
The total power dissipated is the sum of these
dissipations:
PTOTAL = POUTA + POUTC + PS
At maximum supply and maximum output currents, the
total power dissipation can exceed 150mW. This will cause
significant heating of the LT6118 die. In order to prevent
damage to the LT6118, the maximum expected dissipa-
tion in each application should be calculated. This number
Figure 6. RC Network Achieves Power-On Reset
6118 F06
VLE
LE
V+
LT6118
R
110k
60V
C
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com