Electronic Components Datasheet Search
  English  ▼

X  

LM2586 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2586
Description  SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2586 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM2586 Datasheet HTML 18Page - National Semiconductor (TI) LM2586 Datasheet HTML 19Page - National Semiconductor (TI) LM2586 Datasheet HTML 20Page - National Semiconductor (TI) LM2586 Datasheet HTML 21Page - National Semiconductor (TI) LM2586 Datasheet HTML 22Page - National Semiconductor (TI) LM2586 Datasheet HTML 23Page - National Semiconductor (TI) LM2586 Datasheet HTML 24Page - National Semiconductor (TI) LM2586 Datasheet HTML 25Page - National Semiconductor (TI) LM2586 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Typical Boost Regulator Applications (Continued)
Figure 34 contains a table of standard inductors, by part
number and corresponding manufacturer, for the fixed out-
put regulator of Figure 33.
01251654
FIGURE 33. +5V to +12V Boost Regulator
Coilcraft
(Note 20)
Pulse
(Note 21)
Renco
(Note 22)
Schott
(Note 23)
Schott
(Note 23)
(Surface Mount)
DO3316-153
PE-53898
RL-5471-7
67146510
67146540
Note 20: Coilcraft Inc.,
Phone: (800) 322-2645
1102 Silver Lake Road, Cary, IL 60013
Fax: (708) 639-1469
European Headquarters, 21 Napier Place
Phone: +44 1236 730 595
Wardpark North, Cumbernauld, Scotland G68 0LL
Fax: +44 1236 730 627
Note 21: Pulse Engineering Inc.,
Phone: (619) 674-8100
12220 World Trade Drive, San Diego, CA 92128
Fax: (619) 674-8262
European Headquarters, Dunmore Road
Phone: +353 93 24 107
Tuam, Co. Galway, Ireland
Fax: +353 93 24 459
Note 22: Renco Electronics Inc.,
Phone: (800) 645-5828
60 Jeffryn Blvd. East, Deer Park, NY 11729
Fax: (516) 586-5562
Note 23: Schott Corp.,
Phone: (612) 475-1173
1000 Parkers Lane Road, Wayzata, MN 55391
Fax: (612) 475-1786
FIGURE 34. Inductor Selection Table
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com