Electronic Components Datasheet Search
  English  ▼

X  

LM2586 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2586
Description  SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2586 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2586 Datasheet HTML 1Page - National Semiconductor (TI) LM2586 Datasheet HTML 2Page - National Semiconductor (TI) LM2586 Datasheet HTML 3Page - National Semiconductor (TI) LM2586 Datasheet HTML 4Page - National Semiconductor (TI) LM2586 Datasheet HTML 5Page - National Semiconductor (TI) LM2586 Datasheet HTML 6Page - National Semiconductor (TI) LM2586 Datasheet HTML 7Page - National Semiconductor (TI) LM2586 Datasheet HTML 8Page - National Semiconductor (TI) LM2586 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Electrical Characteristics (Continued)
LM2586-5.0 (Continued)
Symbol
Parameters
Conditions
Typical
Min
Max
Units
∆V
REF
Reference Voltage
V
IN = 4V to 40V
3.3
mV
Line Regulation
G
M
Error Amp
I
COMP = −30 µA to +30 µA
0.750
0.447
1.491
mmho
Transconductance
V
COMP = 1.0V
A
VOL
Error Amp
V
COMP = 0.5V to 1.6V
165
99/49
V/V
Voltage Gain
R
COMP = 1.0 M
Ω (Note 6)
LM2586-12
Symbol
Parameters
Conditions
Typical
Min
Max
Units
SYSTEM PARAMETERS Test Circuit of Figure 2 (Note 4)
V
OUT
Output Voltage
V
IN = 4V to 10V
12.0
11.52/11.40
12.48/12.60
V
I
LOAD = 0.2A to 0.8A
∆V
OUT/
Line Regulation
V
IN = 4V to 10V
20
100/200
mV
∆V
IN
I
LOAD = 0.2A
∆V
OUT/
Load Regulation
V
IN = 10V
20
100/200
mV
∆I
LOAD
I
LOAD = 0.2A to 0.8A
η
Efficiency
V
IN = 10V, ILOAD = 0.6A
93
%
UNIQUE DEVICE PARAMETERS (Note 5)
V
REF
Output Reference
Measured at Feedback Pin
12.0
11.79/11.76
12.21/12.24
V
Voltage
V
COMP = 1.0V
∆V
REF
Reference Voltage
V
IN = 4V to 40V
7.8
mV
Line Regulation
G
M
Error Amp
I
COMP = −30 µA to +30 µA
0.328
0.186
0.621
mmho
Transconductance
V
COMP = 1.0V
A
VOL
Error Amp
V
COMP = 0.5V to 1.6V
70
41/21
V/V
Voltage Gain
R
COMP = 1.0 M
Ω (Note 6)
LM2586-ADJ
Symbol
Parameters
Conditions
Typical
Min
Max
Units
SYSTEM PARAMETERS Test Circuit of Figure 2 (Note 4)
V
OUT
Output Voltage
V
IN = 4V to 10V
12.0
11.52/11.40
12.48/12.60
V
I
LOAD = 0.2A to 0.8A
∆V
OUT/
Line Regulation
V
IN = 4V to 10V
20
100/200
mV
∆V
IN
I
LOAD = 0.2A
∆V
OUT/
Load Regulation
V
IN = 10V
20
100/200
mV
∆I
LOAD
I
LOAD = 0.2A to 0.8A
η
Efficiency
V
IN = 10V, ILOAD = 0.6A
93
%
UNIQUE DEVICE PARAMETERS (Note 5)
V
REF
Output Reference
Measured at Feedback Pin
1.230
1.208/1.205
1.252/1.255
V
Voltage
V
COMP = 1.0V
∆V
REF
Reference Voltage
V
IN = 4V to 40V
1.5
mV
Line Regulation
G
M
Error Amp
I
COMP = −30 µA to +30 µA
3.200
1.800
6.000
mmho
Transconductance
V
COMP = 1.0V
A
VOL
Error Amp Voltage Gain
V
COMP = 0.5V to 1.6V,
R
COMP = 1.0 M
Ω (Note 6)
670
400/200
V/V
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com