Electronic Components Datasheet Search
  English  ▼

X  

LM2586 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2586
Description  SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2586 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM2586 Datasheet HTML 12Page - National Semiconductor (TI) LM2586 Datasheet HTML 13Page - National Semiconductor (TI) LM2586 Datasheet HTML 14Page - National Semiconductor (TI) LM2586 Datasheet HTML 15Page - National Semiconductor (TI) LM2586 Datasheet HTML 16Page - National Semiconductor (TI) LM2586 Datasheet HTML 17Page - National Semiconductor (TI) LM2586 Datasheet HTML 18Page - National Semiconductor (TI) LM2586 Datasheet HTML 19Page - National Semiconductor (TI) LM2586 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Typical Flyback Regulator Applications (Continued)
TRANSFORMER SELECTION (T)
Figure 13 lists the standard transformers available for fly-
back regulator applications. Included in the table are the
turns ratio(s) for each transformer, as well as the output
voltages, input voltage ranges, and the maximum load cur-
rents for each circuit.
01251632
FIGURE 12. Triple-Output Flyback Regulator
Applications
Figure 7
Figure 8
Figure 9
Figure 10
Figure 11
Figure 12
Transformers
T7
T7
T7
T6
T6
T5
V
IN
4V–6V
4V–6V
8V–16V
4V–6V
18V–36V
18V–36V
V
OUT1
3.3V
5V
12V
12V
12V
5V
I
OUT1 (Max)
1.4A
1A
0.8A
0.15A
0.6A
1.8A
N
1
1
1
1
1.2
1.2
0.5
V
OUT2
−12V
−12V
12V
I
OUT2(Max)
0.15A
0.6A
0.25A
N
2
1.2
1.2
1.15
V
OUT3
−12V
I
OUT3 (Max)
0.25A
N
3
1.15
FIGURE 13. Transformer Selection Table
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com