Electronic Components Datasheet Search
  English  ▼

X  

LM2586 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2586
Description  SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2586 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button LM2586 Datasheet HTML 22Page - National Semiconductor (TI) LM2586 Datasheet HTML 23Page - National Semiconductor (TI) LM2586 Datasheet HTML 24Page - National Semiconductor (TI) LM2586 Datasheet HTML 25Page - National Semiconductor (TI) LM2586 Datasheet HTML 26Page - National Semiconductor (TI) LM2586 Datasheet HTML 27Page - National Semiconductor (TI) LM2586 Datasheet HTML 28Page - National Semiconductor (TI) LM2586 Datasheet HTML 29Page - National Semiconductor (TI) LM2586 Datasheet HTML 30Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Application Hints (Continued)
indicated in Figure 45). When using the Adjustable version,
physically locate the programming resistors as near the
regulator IC as possible, to keep the sensitive feedback
wiring short.
HEAT SINK/THERMAL CONSIDERATIONS
In many cases, a heat sink is not required to keep the
LM2586 junction temperature within the allowed operating
temperature range. For each application, to determine
whether or not a heat sink will be required, the following must
be identified:
1) Maximum ambient temperature (in the application).
2) Maximum regulator power dissipation (in the application).
3) Maximum allowed junction temperature (125˚C for the
LM2586). For a safe, conservative design, a temperature
approximately 15˚C cooler than the maximum junction tem-
perature should be selected (110˚C).
4) LM2586 package thermal resistances
θ
JA and
θ
JC (given
in the Electrical Characteristics).
Total power dissipated (P
D) by the LM2586 can be estimated
as follows:
V
IN is the minimum input voltage, VOUT is the output voltage,
N is the transformer turns ratio, D is the duty cycle, and I
LOAD
is the maximum load current (and
∑I
LOAD is the sum of the
maximum load currents for multiple-output flyback regula-
tors). The duty cycle is given by:
where V
F is the forward biased voltage of the diode and is
typically 0.5V for Schottky diodes and 0.8V for fast recovery
diodes. V
SAT is the switch saturation voltage and can be
found in the Characteristic Curves.
When no heat sink is used, the junction temperature rise is:
∆T
J =PD •
θ
JA.
Adding the junction temperature rise to the maximum ambi-
ent temperature gives the actual operating junction tempera-
ture:
T
J =
∆T
J +TA.
If the operating junction temperature exceeds the maximum
junction temperatue in item 3 above, then a heat sink is
required. When using a heat sink, the junction temperature
rise can be determined by the following:
∆T
J =PD • (
θ
JC +
θ
Interface +
θ
Heat Sink)
Again, the operating junction temperature will be:
T
J =
∆T
J +TA
As before, if the maximum junction temperature is exceeded,
a larger heat sink is required (one that has a lower thermal
resistance).
Included in the Switchers Made Simple® design software is
a more precise (non-linear) thermal model that can be used
to determine junction temperature with different input-output
parameters or different component values. It can also calcu-
late the heat sink thermal resistance required to maintain the
regulator junction temperature below the maximum operat-
ing temperature.
To further simplify the flyback regulator design procedure,
National Semiconductor is making available computer de-
sign software to be used with the Simple Switcher® line of
switching regulators. Switchers Made Simple is available
ona31⁄2" diskette for IBM compatible computers from a
National Semiconductor sales office in your area or the
National
Semiconductor
Customer
Response
Center
(1-800-272-9959).
www.national.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com