Electronic Components Datasheet Search
  English  ▼

X  

LM2586 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2586
Description  SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2586 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2586 Datasheet HTML 1Page - National Semiconductor (TI) LM2586 Datasheet HTML 2Page - National Semiconductor (TI) LM2586 Datasheet HTML 3Page - National Semiconductor (TI) LM2586 Datasheet HTML 4Page - National Semiconductor (TI) LM2586 Datasheet HTML 5Page - National Semiconductor (TI) LM2586 Datasheet HTML 6Page - National Semiconductor (TI) LM2586 Datasheet HTML 7Page - National Semiconductor (TI) LM2586 Datasheet HTML 8Page - National Semiconductor (TI) LM2586 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Electrical Characteristics (Continued)
LM2586-ADJ (Continued)
Symbol
Parameters
Conditions
Typical
Min
Max
Units
I
B
Error Amp
V
COMP = 1.0V
125
425/600
nA
Input Bias Current
COMMON DEVICE PARAMETERS for all versions (Note 5)
I
S
Input Supply Current
Switch Off (Note 8)
11
15.5/16.5
mA
I
SWITCH = 1.8A
50
100/115
mA
I
S/D
Shutdown Input
V
SH = 3V
16
100/300
µA
Supply Current
V
UV
Input Supply
R
LOAD = 100
Ω
3.30
3.05
3.75
V
Undervoltage Lockout
f
O
Oscillator Frequency
Measured at Switch Pin
R
LOAD = 100
Ω,V
COMP = 1.0V
100
85/75
115/125
kHz
Freq. Adj. Pin Open (Pin 1)
R
SET =22k
Ω
200
kHz
f
SC
Short-Circuit
Measured at Switch Pin
Frequency
R
LOAD = 100
Ω
25
kHz
V
FEEDBACK = 1.15V
V
EAO
Error Amplifier
Upper Limit
2.8
2.6/2.4
V
Output Swing
(Note 7)
Lower Limit
0.25
0.40/0.55
V
(Note 8)
I
EAO
Error Amp
(Note 9)
Output Current
165
110/70
260/320
µA
(Source or Sink)
I
SS
Soft Start Current
V
FEEDBACK = 0.92V
11.0
8.0/7.0
17.0/19.0
µA
V
COMP = 1.0V
D
MAX
Maximum Duty Cycle
R
LOAD = 100
Ω
98
93/90
%
(Note 7)
I
L
Switch Leakage
Switch Off
15
300/600
µA
Current
V
SWITCH = 60V
V
SUS
Switch Sustaining Voltage
dV/dT = 1.5V/ns
65
V
V
SAT
Switch Saturation Voltage
I
SWITCH = 3.0A
0.45
0.65/0.9
V
I
CL
NPN Switch Current Limit
4.0
3.0
7.0
A
V
STH
Synchronization
F
SYNC = 200 kHz
0.75
0.625/0.40
0.875/1.00
V
Threshold Voltage
V
COMP = 1V, VIN =5V
I
SYNC
Synchronization
V
IN = 5V
100
200
µA
Pin Current
V
COMP = 1V, VSYNC =VSTH
V
SHTH
ON/OFF Pin (Pin 1)
V
COMP = 1V
1.6
1.0/0.8
2.2/2.4
V
Threshold Voltage
(Note 10)
I
SH
ON/OFF Pin (Pin 1)
V
COMP = 1V
40
15/10
65/75
µA
Current
V
SH =VSHTH
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com