Electronic Components Datasheet Search
  English  ▼

X  

OPA596 Datasheet(PDF) 19 Page - Texas Instruments

Part # OPA596
Description  OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With MUX-Friendly Inputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA596 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA596 Datasheet HTML 15Page - Texas Instruments OPA596 Datasheet HTML 16Page - Texas Instruments OPA596 Datasheet HTML 17Page - Texas Instruments OPA596 Datasheet HTML 18Page - Texas Instruments OPA596 Datasheet HTML 19Page - Texas Instruments OPA596 Datasheet HTML 20Page - Texas Instruments OPA596 Datasheet HTML 21Page - Texas Instruments OPA596 Datasheet HTML 22Page - Texas Instruments OPA596 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
The OPAx596 are low power (420μA), high-slew rate (100V/μs), 85V power operational amplifiers (op amps).
These op amps use a proprietary design technique to achieve a very high slewing capability while consuming
minimal power. The low power consumption helps reduce heat generation on the board while the output swings
near the supply rail. The high slew reduces slew related distortion at the output when dealing with large peak,
high frequency signals.
7.2 Typical Applications
7.2.1 Bridge-Connected Piezoelectric Driver
+
–
OPAx596
60V
5V
10
100k
10k
PDAC
3.79k
AVDD
AVSS
+
–
OPAx596
60V
5V
100k
100k
V
BIAS
100V
PP
95.3k
60V
10
1nF
1nF
5V
PP
Figure 7-1. 100VPP Piezoelectric Driver With Bridge Connected Load
7.2.1.1 Design Requirements
The OPAx596 is used to drive a piezoelectric actuator with a 100V operating range at a relatively low frequency
of 100Hz. The large capacitance inherent to the piezoelectric actuator can cause undesired ringing of the driver
amplifier. An inaccurate response of the actuator is possible due in part to amplifier instability. Adequate phase
margin for a 500nF equivalent load and wide output swing capability is necessary for a robust driver circuit for
the piezoelectric actuator presented here. Table 7-1 shows the design parameters.
Table 7-1. Design Parameters
PARAMETER
VALUE
Power supply voltage
65V
Piezoelectric actuator capacitance (1kHz)
500nF
Piezoelectric operating voltage range
0V to 100V
Operating frequency
100Hz
DAC output voltage
5VPP
www.ti.com
OPA596, OPA2596
SBOSA42C – JUNE 2024 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: OPA596 OPA2596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com