Electronic Components Datasheet Search
  English  ▼

X  

OPA596 Datasheet(PDF) 22 Page - Texas Instruments

Part # OPA596
Description  OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With MUX-Friendly Inputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA596 Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA596 Datasheet HTML 18Page - Texas Instruments OPA596 Datasheet HTML 19Page - Texas Instruments OPA596 Datasheet HTML 20Page - Texas Instruments OPA596 Datasheet HTML 21Page - Texas Instruments OPA596 Datasheet HTML 22Page - Texas Instruments OPA596 Datasheet HTML 23Page - Texas Instruments OPA596 Datasheet HTML 24Page - Texas Instruments OPA596 Datasheet HTML 25Page - Texas Instruments OPA596 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
7.2.3 Single-Supply Piezoelectric Driver
Some piezoelectric transducers can be referenced to ground as shown in Figure 7-4. The wide supply voltage
of the OPAx596 enables designers to drive a high voltage transducer up to 85V, without having to use the
more complicated bridge tied load configuration. The piezoelectric load presents a large capacitance at the
output of the amplifier and proper compensation is required to avoid instability. Also consider the output current
drive requirement. The current drive requirement is determined by the frequency of operation and the effective
capacitance of the load. High frequency and large capacitance reduce the effective impedance of the load and
thereby increase the current drive requirement. The OPAx596 are an excellent choice to drive piezoelectric loads
at dc and low frequency.
+
–
5k
75k
OPA596
DAC
5V
85V
80V
+
−
Figure 7-4. 80V Single-Supply Piezoelectric Driver
7.2.4 High-Side Current Sense
The OPAx596 enables high voltage current sense measurements. High-side voltage measurements of ±100V
or more can be easily implemented using the OPAx596. The voltage capability is proportional to the gain of the
sense circuit and the input common-mode range of the amplifier. Figure 7-5 shows the OPA596 configured for
a ±500V high side current measurement and a gain of 2. A high precision amplifier is used as a gain stage to
amplify the signal further.
Make the input resistors large enough to avoid any loading related errors. The low input bias current of the
OPAx596 allows for the use of larger resistors when compared to other power amplifiers and is not a major
contribution to the total error in this application. Special consideration of input bias current, thermal noise, and
input common-mode range is warranted when choosing resistors for this design.
1M
49.9k
OPA596
42.5V
42.5V
R
shunt = 100m
1M
1.3k
DUT
ADC
PA
DAC
+
–
RG
RF
99k
1k
OPA189
49.9k
51.1k
Figure 7-5. ±500V High-Side Current Sense
OPA596, OPA2596
SBOSA42C – JUNE 2024 – REVISED DECEMBER 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA596 OPA2596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com