Electronic Components Datasheet Search
  English  ▼

X  

OPA596 Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA596
Description  OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With MUX-Friendly Inputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA596 Datasheet(HTML) 5 Page - Texas Instruments

  OPA596 Datasheet HTML 1Page - Texas Instruments OPA596 Datasheet HTML 2Page - Texas Instruments OPA596 Datasheet HTML 3Page - Texas Instruments OPA596 Datasheet HTML 4Page - Texas Instruments OPA596 Datasheet HTML 5Page - Texas Instruments OPA596 Datasheet HTML 6Page - Texas Instruments OPA596 Datasheet HTML 7Page - Texas Instruments OPA596 Datasheet HTML 8Page - Texas Instruments OPA596 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5.4 Thermal Information OPA596
THERMAL METRIC(1)
OPA596
UNIT
DBV (SOT-23)
5 PINS
RθJA
Junction-to-ambient thermal resistance
165.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
99.1
°C/W
RθJB
Junction-to-board thermal resistance
64.5
°C/W
ψJT
Junction-to-top characterization parameter
42.6
°C/W
ψJB
Junction-to-board characterization parameter
64.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
5.5 Thermal Information OPA2596
THERMAL METRIC(1)
OPA2596
UNIT
D (SOIC)
DGK (VSSOP)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
111.3
143.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
49.2
50.4
°C/W
RθJB
Junction-to-board thermal resistance
59.0
78.7
°C/W
ψJT
Junction-to-top characterization parameter
5.8
3.0
°C/W
ψJB
Junction-to-board characterization parameter
58.1
77.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
www.ti.com
OPA596, OPA2596
SBOSA42C – JUNE 2024 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: OPA596 OPA2596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com